Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1837 Datasheet(PDF) 2 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 2 Page - International Rectifier

  IP1837 Datasheet HTML 1Page - International Rectifier IP1837 Datasheet HTML 2Page - International Rectifier IP1837 Datasheet HTML 3Page - International Rectifier IP1837 Datasheet HTML 4Page - International Rectifier IP1837 Datasheet HTML 5Page - International Rectifier IP1837 Datasheet HTML 6Page - International Rectifier IP1837 Datasheet HTML 7Page - International Rectifier IP1837 Datasheet HTML 8Page - International Rectifier IP1837 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
2
97600
PIN DIAGRAM 
 
Vin
FB
PIN 17
PIN 6
SS
PIN 5
PIN 16
PIN 7
VOSM
COMP
PIN 15
PIN 8
VOSP
VOSO
RT
PIN 9
EN
PIN 14
PIN 10
VCC
PGD
PIN 13
PIN 11
OCSET
PIN 12
PIN 4
PVCC
BiasGND
PIN 1
SW
PGND
PIN 2
PIN 3
LGND
 
Figure 3: iP1837 Package Bottom View 
7.65mm x 7.65mm LGA 
 
 
ORDERING INFORMATION 
Package 
Tape and Reel Qty 
Part Number 
LGA 
(7.65mm x 7.65mm body) 
2000 
iP1837TRPbF 
 
 
 
Θj-pcb=2.3 0C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com