Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1837 Datasheet(PDF) 17 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 17 Page - International Rectifier

Back Button IP1837 Datasheet HTML 13Page - International Rectifier IP1837 Datasheet HTML 14Page - International Rectifier IP1837 Datasheet HTML 15Page - International Rectifier IP1837 Datasheet HTML 16Page - International Rectifier IP1837 Datasheet HTML 17Page - International Rectifier IP1837 Datasheet HTML 18Page - International Rectifier IP1837 Datasheet HTML 19Page - International Rectifier IP1837 Datasheet HTML 20Page - International Rectifier IP1837 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
17
97600
An overcurrent detection trips the OCP comparator, 
latches OCP signal and cycles the soft start function in 
hiccup mode. The hiccup is performed by shorting the  
soft‐start capacitor to ground and counting the number of 
switching cycles. The Soft Start pin is held low until 4096 
cycles have been completed.  
Following this, the OCP signal resets and the converter 
recovers. After every soft start cycle, the converter stays in 
this mode until the overload or short circuit is removed.  
For the iP1837, the Sync FET is turned OFF on the falling 
edge of a PWMSet or Clock signal that has a duration of 
25% of the switching period.  
For operation at the maximum duty cycle, the OCP circuit 
samples current for 40 ns, starting 40 ns after the low drive 
signal for the Sync FET > 70% of PVcc. 
TABLE 2: OVERCURRENT SETTING VS. EXTERNAL ROCSET  
Iotrip (A) 
External Rocset (kohm) 
25 
4.02 
26 
4.42 
27 
4.87 
28 
5.4 
29 
6.04 
30 
6.8 
31 
7.68 
32 
8.66 
33 
10 
34 
11.5 
35 
13.7 
36 
16.2 
37 
20 
38 
26.1 
39 
35.7 
40 
54.9 
41 
113 
42 
Open 
 
For operating duty cycles less than the maximum duty 
cycle of 75%, the OCP circuit still samples current for 
typically 40ns, but starts sampling 40 ns after the rising 
edge of PWMSet .  
Thus, for low duty cycle operation, the inductor current is 
sensed close to the valley. This allows a longer delay after 
the falling edge of the switch node, than the corresponding 
delay for an over‐current sensing scheme which samples 
the current at the peak of the inductor current. This longer 
delay serves to filter out any noise on the switch node and 
hence on the OCSet pin, making this method more 
immune to false tripping. 
THERMAL SHUTDOWN  
Temperature sensing is provided inside iP1837.  
The trip threshold is typically set to 145
oC. When the  
trip threshold is exceeded, thermal shutdown turns  
off both MOSFETs and discharges the soft start capacitor. 
Automatic restart is initiated when the sensed 
temperature drops within the operating range. There  
is a 20
oC hysteresis in the thermal shutdown threshold. 
TRIMMABLE RISING EDGE DEADBAND  
The iP1837 has a rising edge deadband that is post‐
package trimmable. It is typically trimmed to 5ns‐10ns 
which is an optimal range to minimize switching transition 
loss and at the same time, prevent cross conduction. 
REMOTE VOLTAGE SENSING 
True differential remote sensing in the feedback loop is 
critical to high current applications where the output 
voltage across the load may differ from the output voltage 
measured locally across an output capacitor at the output 
inductor, and to applications that require die voltage 
sensing.  
The Vosp and Vosm pins of the iP1837 form the inputs to  
a remote sense differential amplifier with high speed, low 
input offset (post‐package trimmed to +/‐3mV) and low 
input bias current which ensure accurate voltage sensing 
and fast transient response in such applications. 
It should be noted, however, that the output Voso of the 
difference amplifier also forms the input toa power good 
comparator and overvoltage comparator, both referenced 
to an upper threshold of 0.7V as discussed in the next 
section. Hence, in applications where Vo > 0.6V, it is 
necessary to use a resistive divider network after Vo to 
attenuate the sensed output voltage signal between the 
remote Vo and the remote ground to 0.6V, which is then 
applied between Vosp and Vosm. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com