Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1837 Datasheet(PDF) 34 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 34 Page - International Rectifier

Back Button IP1837 Datasheet HTML 30Page - International Rectifier IP1837 Datasheet HTML 31Page - International Rectifier IP1837 Datasheet HTML 32Page - International Rectifier IP1837 Datasheet HTML 33Page - International Rectifier IP1837 Datasheet HTML 34Page - International Rectifier IP1837 Datasheet HTML 35Page - International Rectifier IP1837 Datasheet HTML 36Page - International Rectifier IP1837 Datasheet HTML 37Page - International Rectifier IP1837 Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
34
97600
LAYOUT CONSIDERATIONS 
The layout is very important when designing high 
frequency switching converters. Layout will affect noise 
pickup and can cause a good design to perform with less 
than expected results. 
Make all the connections for the power components in  
the top layer with wide, copper filled areas or polygons.  
In general, it is desirable to make proper use of power 
planes and polygons for power distribution and heat 
dissipation. 
The inductor, output capacitors and the iP1837 should be 
as close to each other as possible. This helps to reduce the 
EMI radiated by the power traces due to the high switching 
currents through them. 
The input capacitors should be placed as close as possible 
to the PGnd pad. The connection of the Vin pad to the Vin 
power polygon should be low impedance, using several 
vias in parallel. The layout must ensure minimum length 
ground path and enough copper for input and output 
capacitors with a direct connection. 
The iP1837 has a local power ground pad called Bias Gnd 
(pin 12) for bypassing Vcc or PVcc supplies. The analog or 
signal ground, LGnd, is used as a separate control circuit 
ground to which all signals are referenced. The analog  
ground polygon should be connected to BiasGnd through  
a single point connection using a 0 ohm resistor, at a 
location away from noise sources. The PGnd pad (Pin 3) 
should be connected to system power Ground. 
In order to minimize coupling switching noise into other 
layers, the area of the switch node copper should be kept 
small. It is also advisable to keep the switch node copper 
localized to the top layer. 
The critical bypass components such as capacitors for  
Vcc should be close to their respective pins. It is important 
to place the feedback components including feedback 
resistors and compensation components close to Fb and 
Comp pins.  
A pair of sense traces running very close to each other and 
away from any noise sources should be used to implement 
true differential remote sensing of the voltage. 
If remote sense is not used, the output voltage sense trace 
used for feedback should be tapped from a low impedance 
point such as directly from an output capacitor. 
The iPOWiR package is a thermally enhanced package. 
Based on thermal performance it is recommended to  
use at least a 6‐layers PCB. Figures 35a‐f illustrates the 
implementation of the layout guidelines outlined above, 
on the IRDC1837 6 layer demoboard.
 
 
Figure 35a: IRDC1837 demoboard layout considerations – Top Layer
Enough copper 
& minimum length 
ground path between 
Input and Output
All bypass caps 
(Marked in Cyan) should be 
placed as close as possible
 to their connecting pins
BiasGnd 
Single Point Connection 
of AGND and BiasGnd 
Resistors Rt (marked in Brown) 
should be placed as close as 
possible to their pins
Compensation parts 
(Marked in dark blue) 
should be placed as close as 
possible to the Comp pin
Switch node should have small area and 
should be localized to Top layer  
 
Optional on board  
load transient circuit: 
Not Critical 
Switch node should 
have small area and 
should be localized 
to Top layer 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com