Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1837 Datasheet(PDF) 16 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 16 Page - International Rectifier

Back Button IP1837 Datasheet HTML 12Page - International Rectifier IP1837 Datasheet HTML 13Page - International Rectifier IP1837 Datasheet HTML 14Page - International Rectifier IP1837 Datasheet HTML 15Page - International Rectifier IP1837 Datasheet HTML 16Page - International Rectifier IP1837 Datasheet HTML 17Page - International Rectifier IP1837 Datasheet HTML 18Page - International Rectifier IP1837 Datasheet HTML 19Page - International Rectifier IP1837 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
16
97600
POR
Vss
Vout
0.2V
0.8V
t1
t2
t3
 
Figure 10: Theoretical operation waveforms during soft‐start 
OPERATING FREQUENCY  
The switching frequency can be programmed between 
250kHz – 1500kHz by connecting an external resistor from 
RT pin to Gnd. Table 1 tabulates the oscillator frequency 
versus RT. 
TABLE 1: SWITCHING FREQUENCY VS. EXTERNAL RESISTOR (RT) 
Fsw (kHz) 
RT (kohm) 
250 
88.7 
300 
73.2 
400 
54.9 
450 
48.7 
500 
44.2 
600 
36.5 
800 
27.4 
1000 
22.1 
1500 
14 
SHUTDOWN 
The iP1837 can be shutdown by pulling the Enable pin 
below its 1 V threshold. This will tri‐state both, the high 
side driver as well as the low side driver.  
TEMPERATURE‐COMPENSATED  
OVER‐CURRENT PROTECTION 
The over current protection is performed by sensing 
current through the RDS(on) of low side MOSFET. This 
method enhances the converter’s efficiency and reduces 
cost by eliminating a current sense resistor. As shown in 
Figure 11, an external resistor (ROCSet) is connected 
between OCSet pin and the switch node (SW) which sets 
the current limit set point.  
An internal current source sources current (IOCSet ) out of 
the OCSet pin. The internal current source develops a 
voltage across ROCSet. When the low side MOSFET is 
turned on, the inductor current flows through Q2 and 
results in a voltage at OCSet which is given by: 
(2)
)
(
)
(
)
L
(on
DS
OCSet
OCSet
OCSet
I
R
R
I
V
An over current is detected if the OCSet pin goes below 
ground. Hence, at the current limit threshold, VOCset=0. 
Then, for a current limit setting ILtrip, ROCSet is calculated as 
follows: 
I
I
R
R
OCSet
Ltrip
on
DS
OCSet
(3)
*
)
(
Hiccup
Control
Q1
PGnd
Vin
Q2
IntVCC
+
-
ROCSet
OCSet
IOCSet
SW
 
Figure 11: Connection of over‐current sensing resistor 
It should be noted that the iP1837 uses a temperature 
compensated overcurrent protection scheme, i.e., IOCSet 
varies with temperature with the same temperature 
coeffecient as RDS(on), so that ILtrip depends only on Rocset 
and is independent of temperature.  
The value of Rocset calculated above is realized as a 
parallel combination of an internal 2.7K resistor and an 
external resistor connected between the Rocset and SW 
pins. Table 2 shows the selection of the external Rocset 
resistor for various values of the trip load current Iotrip  at  
Vcc = 3.3V.  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com