Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1837 Datasheet(PDF) 15 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 15 Page - International Rectifier

Back Button IP1837 Datasheet HTML 11Page - International Rectifier IP1837 Datasheet HTML 12Page - International Rectifier IP1837 Datasheet HTML 13Page - International Rectifier IP1837 Datasheet HTML 14Page - International Rectifier IP1837 Datasheet HTML 15Page - International Rectifier IP1837 Datasheet HTML 16Page - International Rectifier IP1837 Datasheet HTML 17Page - International Rectifier IP1837 Datasheet HTML 18Page - International Rectifier IP1837 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
15
97600
 
Figure 7a: Normal Start up, Device turns on  
when the Bus voltage reaches 10.2V 
Bus Voltage (12V)
PVcc(5V) or Vcc(3.3V)
Enable > 1.2V
SS
 
Figure 7b: Recommended startup sequence  
with Vcc or PVcc  
PRE‐BIAS STARTUP 
iP1837 is able to start up into pre‐charged output,  
which prevents oscillation and disturbances of the  
output voltage.  
The output starts in asynchronous fashion and keeps the 
synchronous MOSFET off until the first gate signal for 
control MOSFET is generated, following which, the 
synchronous MOSFET starts with a narrow duty cycle of 
12.5% and gradually increases its duty cycle in steps of 
12.5%, with 32 cycles at each step until the end of pre‐bias. 
  
Vo
[V ]
[T im e]
Pre -Bia s
V o ltage
Figure 8: Pre‐Bias startup 
At the end of the pre‐bias stage, the synchronous MOSFET 
is switched complementary to the Control MOSFET.  
Figure 8 shows a typical Pre‐Bias condition at start up. 
HDRv
32
End of
PB
LDRiss
LDRv
12.5%
25%
87.5%
...
...
...
...
...
32
32
...
...
... ...
... ...
...
 
Figure 9: Pre‐Bias startup pulses  
SOFT‐START 
The iP1837 has a programmable soft‐start to control the 
output voltage rise and to limit the current surge at the 
start‐up. To ensure correct start‐up, the soft‐start 
sequence initiates when the Enable and Vcc rise above 
their UVLO thresholds and generate the Power On Ready 
(POR) signal. The internal current source (typically 20uA) 
charges the external capacitor Css linearly from 0V to Vcc. 
Figure 10 shows the waveforms during the soft start. 
The start up time can be estimated by: 
(1)
*
0.2
-
0.8
ss
SS
start
I
C
T
 
During the soft start the OCP is enabled to protect the 
device for any short circuit and over current condition. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com