Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1837 Datasheet(PDF) 13 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 13 Page - International Rectifier

Back Button IP1837 Datasheet HTML 9Page - International Rectifier IP1837 Datasheet HTML 10Page - International Rectifier IP1837 Datasheet HTML 11Page - International Rectifier IP1837 Datasheet HTML 12Page - International Rectifier IP1837 Datasheet HTML 13Page - International Rectifier IP1837 Datasheet HTML 14Page - International Rectifier IP1837 Datasheet HTML 15Page - International Rectifier IP1837 Datasheet HTML 16Page - International Rectifier IP1837 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
13
97600
THERMAL DE‐RATING CURVES AT VCC = 3.3V 
Thermal Derating-iP1837
Vin-12V Vout-1.8V/35A Freq-600KHz
19
21
23
25
27
29
31
33
35
25
30
35
40
45
50
55
60
65
70
75
80
85
Ta(°C)
0 LFM
100LFM
200LFM
300LFM
400LFM
Thermal Derating-iP1837
Vin-12V Vout-3.3V/35A Freq-600KHz
17
19
21
23
25
27
29
31
33
35
25
30
35
40
45
50
55
60
65
70
75
80
85
Ta(°C)
0 LFM
100LFM
200LFM
300LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com