Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1837 Datasheet(PDF) 7 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 7 Page - International Rectifier

Back Button IP1837 Datasheet HTML 3Page - International Rectifier IP1837 Datasheet HTML 4Page - International Rectifier IP1837 Datasheet HTML 5Page - International Rectifier IP1837 Datasheet HTML 6Page - International Rectifier IP1837 Datasheet HTML 7Page - International Rectifier IP1837 Datasheet HTML 8Page - International Rectifier IP1837 Datasheet HTML 9Page - International Rectifier IP1837 Datasheet HTML 10Page - International Rectifier IP1837 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
7
97600
ELECTRICAL  SPECIFICATIONS 
RECOMMENDED OPERATING CONDITIONS 
SYMBOL 
DEFINITION 
MIN 
MAX 
UNITS 
VIN 
Input Voltage 
1.5 
16 
PVCC 
Supply Voltage 
4.5 
7.5 
VCC 
Supply Voltage 
3.13 
3.46 
Boot to SW 
Supply Voltage 
4.5 
7.5 
VO 
Output Voltage 
0.6 
0.75 Vin 
V 
IO 
Output Current 
0 
35 
A 
Fs 
Switching Frequency 
225 
1650 
kHz 
TJ 
Junction Temperature ‐40 
125 
°C 
 
 
ELECTRICAL CHARACTERISTICS 
Unless otherwise specified, these specification apply over, 1.5V < Vin < 16V, 3.13V < Vcc < 3.46V. 0
oC < T
J < 125
oC.  
Typical values are specified at TA = 25
oC. 
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Power Loss 
Power Loss 
PLOSS 
Vin = 12V, VCC = 3.3V, VO = 1.8V,  
IO = 35A, Fs = 600kHz, L=0.215uH, TA 
= 25°C 
  
7.12  
  
W 
MOSFET Rds(on) 
Top Switch 
Rds(on)_Top  VBoot – VSW = 5V, ID = 5A, Tj = 25°C   
4.8 
6  
PVCC = 5V, ID = 25A, Tj = 25°C   
1.45 
1.64 
Bottom Switch   
VCC = 3.3V, ID = 25A, Tj = 25°C   
1.2 
1.35 
mΩ 
Reference Voltage 
Feedback Voltage 
VFB   
  
0.6   
V 
40°C < Tj < 105°C ‐0.5   
+0.5 
Accuracy   
‐40°C < Tj < 125°C, Note 3 ‐1.5  
+1.5 
% 
Supply Current 
VCC Supply Current 
(Standby) 
ICC(Standby) 
Enable low, No Switching, VCC = 3.3V 
  
400 
600 
uA 
VCC Supply Current (Dyn) 
ICC(Dyn) 
Enable high, Fs = 500kHz, VCC = 3.3V 
   
  
95 
mA 
PVCC Supply Current 
(Standby) 
IPCC(Standby) 
Enable low, No Switching, PVCC = 5V 
  
150 
200 
uA 
PVCC Supply Current (Dyn) 
IPCC(Dyn) 
Enable high, Fs = 500kHz, PVCC = 5V   
  
36 
mA 
Under Voltage Lockout 
PVCC – Start – Threshold 
PVCC_UVLO_Start 
PVCC Rising Trip Level 
4.0 
4.2 
4.4 
PVCC – Stop – Threshold 
PVCC_UVLO_Stop 
PVCC Falling Trip Level 
3.7 
3.9 
4.1 
V 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com