Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1837 Datasheet(PDF) 20 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 20 Page - International Rectifier

Back Button IP1837 Datasheet HTML 16Page - International Rectifier IP1837 Datasheet HTML 17Page - International Rectifier IP1837 Datasheet HTML 18Page - International Rectifier IP1837 Datasheet HTML 19Page - International Rectifier IP1837 Datasheet HTML 20Page - International Rectifier IP1837 Datasheet HTML 21Page - International Rectifier IP1837 Datasheet HTML 22Page - International Rectifier IP1837 Datasheet HTML 23Page - International Rectifier IP1837 Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
20
97600
DESIGN PROCEDURE  
APPLICATION INFORMATION 
Design Example 
The following example is a typical application for iP1837. 
The application circuit is shown on page 1. 
Vin = 12V (13.2V max) 
Vo = 1.8V 
Io = 35A 
ΔVo (transient) ≤ ±90mV for ΔIo = 10.5A @ 2.5A/µs 
ΔVo (ripple) ≤ ±13.5mV (±0.75%) 
Fs = 600kHz 
ENABLING THE IP1837 
As explained earlier, the precise threshold of the Enable 
lends itself well to implementation of a UVLO for the  
Bus Voltage. 
iP1837
Vin
Enable
R1
R2
 
For a typical Enable threshold of VEN = 1.2 V 
V
R
R
R
V
EN
in
(6)
1.2
*
2
1
2
(min)
 
(7)
min
1
2
EN
)
in(
EN
V
V
V
R
R
 
For a Vin (min) = 10.2V, R1 = 49.9K and R2 = 7.5K is a good 
choice. 
PROGRAMMING THE FREQUENCY 
For Fs = 600 kHz, select Rt = 36.5 kΩ, using Table 1. 
OUTPUT VOLTAGE PROGRAMMING 
Output voltage is programmed by the reference voltage 
and external voltage divider. If the remote sense feature is 
used, the divider is connected to the Vosp and Vosm pins. 
If only local sensing is used for feedback, with the remote 
sense amplifier used only in the over‐voltage protection, 
circuit, the resistive divider should be connected to the  
Fb pin. 
For this design, with high output current requirements, we 
choose to use the true differential remote sense feature. 
The Fb pin is the inverting input of the error amplifier, 
which is internally referenced to 0.6V. This references the 
output of the remote sense amplifier to 0.6V also. In order 
to satisfy this condition, the voltage between the Vosp and 
Vosm pins of the error amplifier should be 0.6V when the 
output is at its desired value. The output voltage is defined 
by using the following equation: 
(8)
1


bot
top
ref
o
R
R
V
V
 
when an external resistor divider is connected to the 
output as shown in Figure 16. 
Equation (8) can be rewritten as: 
(9)
ref
ref
o
bot
top
V
V
V
R
R
 
iP1837
Vout
Vosp
Rtop
Rbot
 
Figure 16: Typical application of the iP1837  
for programming the output voltage 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com