Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1837 Datasheet(PDF) 37 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 37 Page - International Rectifier

Back Button IP1837 Datasheet HTML 32Page - International Rectifier IP1837 Datasheet HTML 33Page - International Rectifier IP1837 Datasheet HTML 34Page - International Rectifier IP1837 Datasheet HTML 35Page - International Rectifier IP1837 Datasheet HTML 36Page - International Rectifier IP1837 Datasheet HTML 37Page - International Rectifier IP1837 Datasheet HTML 38Page - International Rectifier IP1837 Datasheet HTML 39Page - International Rectifier IP1837 Datasheet HTML 40Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
37
97600
SOLDER RESIST 
 It is recommended that the lead lands are Non 
Solder Mask Defined (NSMD). The solder resist 
should be pulled away from the metal lead lands 
by a minimum of 0.025mm to ensure NSMD 
pads. 
 The three power land pads should be Solder 
Mask Defined (SMD), with a minimum overlap of 
the solder resist onto the copper of 0.05mm to 
accommodate solder resist mis‐alignment.  
 Ensure that the solder resist in‐between the lead 
lands and the pad land is ≥ 0.15mm due to the high 
aspect ratio of the solder resist strip separating the 
lead lands from the power pad lands. 
Figure 37: Solder resist 
 
* Contact International Rectifier to receive an electronic PCB Library file in your preferred format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com