Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1837 Datasheet(PDF) 14 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 14 Page - International Rectifier

Back Button IP1837 Datasheet HTML 10Page - International Rectifier IP1837 Datasheet HTML 11Page - International Rectifier IP1837 Datasheet HTML 12Page - International Rectifier IP1837 Datasheet HTML 13Page - International Rectifier IP1837 Datasheet HTML 14Page - International Rectifier IP1837 Datasheet HTML 15Page - International Rectifier IP1837 Datasheet HTML 16Page - International Rectifier IP1837 Datasheet HTML 17Page - International Rectifier IP1837 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
14
97600
THEORY OF OPERATION 
 
INTRODUCTION 
The iP1837 uses a PWM voltage mode control scheme with 
external compensation to provide good noise immunity 
and maximum flexibility in selecting inductor values and 
capacitor types.  
The switching frequency is programmable from 250kHz  
to 1.5MHz and provides the capability of optimizing the 
design in terms of size and performance.  
iP1837 provides precisely regulated output voltage 
programmed from 0.6V to 0.75*Vin using two external 
resistors. The iP1837 is capable of operating with either  
a 3.3V Vcc bias voltage (3.13V to 3.46V) or a PVcc bias 
voltage from 4.5V to 7.5V, allowing an extended operating 
input voltage range from 1.5V to 16V.  
The device utilizes the on‐resistance of the low side 
MOSFET as the current sense element; this method 
enhances the converter’s efficiency and reduces cost by 
eliminating the need for external current sense resistor.  
iP1837 includes two low Rds(on) MOSFETs using IR’s HEXFET 
technology. These are specifically designed for high 
efficiency applications.   
BIASING THE IP1837 
The iP1837 offers flexibility in choosing the bias supply 
voltage as it is capable of operating with a 5V bias voltage 
as well as a 3.3V bias voltage (Figure 1 and Figure 32) If it is 
preferred to use a 5V bias voltage, this should be applied 
between the PVcc pin and the local bias PGnd (pin 12), 
with the Vcc pin tied to the local bias PGnd also. 
5.95
6
6.05
6.1
6.15
6.2
6.25
6.3
6.35
6.4
6.45
6.5
200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500
Fsw (kHz)
 
Figure 6: PVcc v/s Switching Frequency (Fsw) with Vcc=3.3V 
Alternatively, if operation from 3.3V bias is desired, the 
3.3V supply should be applied between Vcc and the local 
bias PGnd. An internal charge‐pump whose output is tied 
to PVcc, roughly doubles this Vcc voltage. This should be 
preferred for high current applications which may benefit 
from the lower Rds(on) on account of the higher PVcc 
(almost 6.3V, from Figure 6), which forms the supply to the 
gate drivers.  
UNDER‐VOLTAGE LOCKOUT AND POR 
The under‐voltage lockout circuit monitors the input 
supply PVcc and the Enable input. It ensures that the 
MOSFET driver outputs remain in the off state whenever 
either of these two signals drop below the set thresholds. 
Normal operation resumes once PVcc and Enable rise 
above their thresholds. 
The POR (Power On Ready) signal is generated when all 
these signals reach the valid logic level (see system block 
diagram). When the POR is asserted the soft start 
sequence starts (see soft start section). 
ENABLE 
The Enable feature allows another level of flexibility for 
start up. The Enable has precise threshold which is 
internally monitored by Under‐Voltage Lockout (UVLO) 
circuit. Therefore, the iP1837 will turn on only when the 
voltage at the Enable pin exceeds this threshold, typically, 
1.2V 
If the input to the Enable pin is derived from the bus 
voltage by a suitably programmed resistive divider, it can 
be ensured that the iP1837 does not turn on until the bus 
voltage reaches the desired level. Only after the bus 
voltage reaches or exceeds this level will the voltage at 
Enable pin exceed its threshold, thus enabling the iP1837. 
Therefore, in addition to being a logic input pin to enable 
the iP1837, the Enable feature, with its precise threshold, 
also allows the user to implement an Under‐Voltage 
Lockout for the bus voltage Vin. This is desirable particularly 
for high output voltage applications, where we might want 
the iP1837 to be disabled at least until Vin exceeds the 
desired output voltage level. 
Figure 7a shows the startup sequence with the Enable 
used to implement a precise under‐voltage lockout for Vin.  
Figure 7b. shows the recommended start‐up sequence for 
iP1837, when Enable is used as a logic input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com