Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1837 Datasheet(PDF) 11 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 11 Page - International Rectifier

Back Button IP1837 Datasheet HTML 7Page - International Rectifier IP1837 Datasheet HTML 8Page - International Rectifier IP1837 Datasheet HTML 9Page - International Rectifier IP1837 Datasheet HTML 10Page - International Rectifier IP1837 Datasheet HTML 11Page - International Rectifier IP1837 Datasheet HTML 12Page - International Rectifier IP1837 Datasheet HTML 13Page - International Rectifier IP1837 Datasheet HTML 14Page - International Rectifier IP1837 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
11
97600
TYPICAL OPERATING CHARACTERISTICS (‐40°C ‐ 125°C)
VPG (lower)
0.48
0.485
0.49
0.495
0.5
0.505
0.51
0.515
0.52
0.525
0.53
0.535
0.54
-40
-20
0
20406080
100
120
Temp[
0C]
VCC_UVLO_Start
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.95
3
3.05
3.1
-40
-20
0
2040
6080
100
120
Temp [0C]
PVCC_UVLO_Start
4
4.04
4.08
4.12
4.16
4.2
4.24
4.28
4.32
4.36
4.4
-40
-20
0
2040
6080
100
120
Temp [0C]
Enable_UVLO_Start
1.14
1.16
1.18
1.2
1.22
1.24
1.26
1.28
1.3
1.32
1.34
1.36
-40
-20
0
2040
6080
100
120
Temp[
0C]
ILtrip
32
34
36
38
40
42
44
46
48
-40
-20
0
20
40
60
80
100
120
Temp[0C]
Vin=12V
Vo=1.8V
Fsw=600kHz
Vcc=3.3V
ROCSet open
OVP (trip)
0.67
0.675
0.68
0.685
0.69
0.695
0.7
0.705
0.71
0.715
0.72
0.725
0.73
-40
-20
0
20
40
60
80
100
120
Temp[0C]
VCC_UVLO_Stop
2
2.05
2.1
2.15
2.2
2.25
2.3
2.35
2.4
2.45
2.5
-40
-20
0
20406080
100
120
Temp[
0C]
PVCC_UVLO_Stop
3.7
3.74
3.78
3.82
3.86
3.9
3.94
3.98
4.02
4.06
4.1
-40
-20
0
20
40
60
80
100
120
Temp [0C]
Enable_UVLO_Stop
0.9
0.916
0.932
0.948
0.964
0.98
0.996
1.012
1.028
1.044
1.06
-40
-20
0
20
40
60
80
100
120
Temp[0C]
ILtrip
28
30
32
34
36
38
40
42
44
-40
-20
0
20
40
60
80
100
120
Temp[
0C]
Vin=12V
Vo=1.8V
Fsw=600kHz
PVcc=5V
ROCSet open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com