Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1837 Datasheet(PDF) 10 Page - International Rectifier

Part # IP1837
Description  Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1837 Datasheet(HTML) 10 Page - International Rectifier

Back Button IP1837 Datasheet HTML 6Page - International Rectifier IP1837 Datasheet HTML 7Page - International Rectifier IP1837 Datasheet HTML 8Page - International Rectifier IP1837 Datasheet HTML 9Page - International Rectifier IP1837 Datasheet HTML 10Page - International Rectifier IP1837 Datasheet HTML 11Page - International Rectifier IP1837 Datasheet HTML 12Page - International Rectifier IP1837 Datasheet HTML 13Page - International Rectifier IP1837 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
iP1837
Highly Integrated 35A Single‐input Voltage,  
Synchronous Buck Regulator 
March 5, 2012  |  V1.26   
10
97600
TYPICAL OPERATING CHARACTERISTICS (‐40°C ‐ 125°C) 
Icc (Standby)
200
240
280
320
360
400
440
480
520
560
600
-40
-20
0
20
40
60
80
100
120
Temp[
0C]
IPVcc (Standby)
40
60
80
100
120
140
160
180
200
-40
-20
0
204060
80
100
120
Temp[
0C]
Fs
450
460
470
480
490
500
510
520
530
540
550
-40
-20
0
20
40
60
80
100
120
Temp[0C]
VFB
0.591
0.593
0.595
0.597
0.599
0.601
0.603
0.605
0.607
0.609
-40
-20
0
20406080
100
120
Temp[0C]
+ 0.5%
- 0.5%
VPG (lower)
0.48
0.485
0.49
0.495
0.5
0.505
0.51
0.515
0.52
0.525
0.53
0.535
0.54
-40
-20
0
20
40
60
80
100
120
Temp[
0C]
Icc (Dyn)
59
62
65
68
71
74
77
80
83
86
89
92
95
-40
-20
0
20
40
60
80
100
120
Temp[
0C]
IPVcc (Dyn)
25
26
27
28
29
30
31
32
33
34
35
-40
-20
0
20
40
60
80
100
120
Temp[
0C]
Iss_charg
14
15
16
17
18
19
20
21
22
23
24
25
26
-40
-20
0
20
40
60
80
100
120
Temp[
0C]
Offset_RS
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
-40
-20
0
20406080
100
120
Temp[
0C]
OVP (trip)
0.67
0.675
0.68
0.685
0.69
0.695
0.7
0.705
0.71
0.715
0.72
0.725
0.73
-40
-20
0
20
40
60
80
100
120
Temp[0C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com