Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5700BCPZ-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5700BCPZ-R5
Description  Low Power HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5700BCPZ-R5 Datasheet(HTML) 3 Page - Analog Devices

  AD5700BCPZ-R5 Datasheet HTML 1Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 2Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 3Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 4Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 5Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 6Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 7Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 8Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD5700/AD5700-1
Rev. D | Page 3 of 24
SPECIFICATIONS
VCC = 1.71 V to 5.5 V, IOVCC = 1.71 V to 5.5 V, AGND = DGND, CLKOUT disabled, HART_OUT with 5 nF load, internal and external
receive filter, internal reference; all specifications are from −40°C to +125°C and relate to both A and B models, unless otherwise noted.
Table 2.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS2
VCC
1.71
5.5
V
IOVCC
1.71
5.5
V
VCC and IOVCC Current Consumption
Demodulator
86
115
µA
B model, external clock, −40°C to +85°C
179
µA
B model, external clock, −40°C to +125°C
69
97
µA
B model, external clock, −40°C to +85°C,
external reference
157
µA
B model, external clock, −40°C to +125 °C,
external reference
260
µA
A model, external clock, −40°C to +125°C
Modulator
124
140
µA
B model, external clock, −40°C to +85°C
193
µA
B model, external clock, −40°C to +125°C
73
96
µA
B model, external clock, −40°C to +85°C,
external reference
153
µA
B model, external clock, −40°C to +125°C,
external reference
270
µA
A model, external clock, −40°C to +125°C
Crystal Oscillator3
33
60
µA
External crystal, 16 pF at XTAL1 and XTAL2
44
71
µA
External crystal, 36 pF at XTAL1 and XTAL2
Internal Oscillator4
218
285
µA
AD5700-1 only, external crystal not required
Power-Down Mode
RESET = REF_EN = DGND
16
35
µA
Internal reference disabled, −40°C to +85°C
75
µA
Internal reference disabled, −40°C to +125°C
INTERNAL VOLTAGE REFERENCE
Internal Reference Voltage
1.47
1.5
1.52
V
REF_EN = IOVCC to enable use of internal
reference; VCC = 1.71 V minimum
Load Regulation
18
ppm/µA
Tested with 50 µA load
OPTIONAL EXTERNAL VOLTAGE
REFERENCE
External Reference Input Voltage
2.47
2.5
2.53
V
REF_EN = DGND to enable use of external
reference, VCC = 2.7 V minimum
External Reference Input Current
Demodulator
16
21
µA
Current required by external reference in
receive mode
Modulator
28
33
µA
Current required by external reference in
transmit mode
Internal Oscillator
5.5
7
µA
Current required by external reference if
using internal oscillator
Power-Down
4.6
8.6
µA
DIGITAL INPUTS
VIH, Input High Voltage
0.7 × IOVCC
V
VIL, Input Low Voltage
0.3 × IOVCC
V
Input Current
−0.1
+0.1
µA
Input Capacitance5
5
pF
Per pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com