Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5700BCPZ-R5 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5700BCPZ-R5
Description  Low Power HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5700BCPZ-R5 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5700BCPZ-R5 Datasheet HTML 8Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 9Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 10Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 11Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 12Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 13Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 14Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 15Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5700/AD5700-1
Data Sheet
Rev. D | Page 12 of 24
TERMINOLOGY
VCC and IOVCC Current Consumption
This specification gives a summation of the current consump-
tion of both the VCC and the IOVCC supplies. Figure 11 shows
separate measurements for VCC and IOVCC currents vs. varying
capacitive loads, in transmit mode.
Load Regulation
Load regulation is the change in reference output voltage due to
a specified change in load current. It is expressed in ppm/µA.
CD Assert
The minimum value at which the carrier detect signal asserts is
85 mV p-p and the maximum value it asserts at is 110 mV p-p. CD
is already high (asserted) for HART input signals greater than
110 mV p-p. This specification was set assuming a sinusoidal
input signal containing preamble characters at the input and an
ideal external filter (see Figure 21).
HART_OUT Output Voltage
This is the peak-to-peak HART_OUT output voltage. The
specification in Table 2 was set using a worst-case load of 160 Ω,
ac-coupled with a 2.2 µF capacitor. Figure 15 and Figure 16 show
HART_OUT output voltages for both resistive and purely
capacitive loads.
Mark/Space Frequency
A 1.2 kHz signal represents a digital 1, or mark, whereas a
2.2 kHz signal represents a 0, or space.
Phase Continuity Error
The DDS engine in this design inherently generates continuous
phase signals, thus avoiding any output discontinuity when
switching between frequencies. This attribute is desirable for
signals that are to be transmitted over a band limited channel,
because discontinuities in a signal introduce wideband fre-
quency components. As the name suggests, for a signal to be
continuous, the phase continuity error must be 0o.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com