Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5700BCPZ-R5 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5700BCPZ-R5
Description  Low Power HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5700BCPZ-R5 Datasheet(HTML) 2 Page - Analog Devices

  AD5700BCPZ-R5 Datasheet HTML 1Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 2Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 3Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 4Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 5Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 6Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 7Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 8Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5700/AD5700-1
Data Sheet
Rev. D | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Characteristics ................................................................ 5
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 9
Terminology .................................................................................... 12
Theory of Operation ...................................................................... 13
FSK Modulator ........................................................................... 13
Connecting to HART_OUT ..................................................... 14
FSK Demodulator ...................................................................... 14
Connecting to HART_IN or ADC_IP .................................... 14
Clock Configuration .................................................................. 15
Supply Current Calculations..................................................... 16
Power-Down Mode.................................................................... 16
Full Duplex Operation............................................................... 16
Applications Information .............................................................. 17
Supply Decoupling ..................................................................... 17
Transient Voltage Protection .................................................... 17
Typical Connection Diagrams.................................................. 18
Outline Dimensions....................................................................... 21
Ordering Guide .......................................................................... 21
REVISION HISTORY
5/13—Rev. C to Rev. D
2/13—Rev. B to Rev. C
Changed 2 V to 5.5 V Power Supply to 1.71 V to 5.5 V Power
Supply, Features Section .................................................................. 1
Changes to Summary Statement, VCC Parameter, and Internal
Reference Voltage Parameter Test Conditions/Comments,
Table 2 ................................................................................................ 3
Changed VCC = 2 V to 5.5 V to VCC = 1.71 V to 5.5 V in the
Summary Statement, Table 3........................................................... 5
Changes to Pin 18 Description and EPAD Mnemonic and
Description, Table 6.......................................................................... 7
Changes to Figure 9 and Figure 13............................................... 10
Changes to Figure 28...................................................................... 18
Change to Figure 30 ....................................................................... 20
7/12—Rev. A to Rev. B
Removed VCC and IOVCC Current Consumption Text, Table 2.. 3
Added Internal Oscillator and External Clock Parameters
to Table 2............................................................................................ 4
Changes to t2 Description and Endnote 2, Table 3........................5
Changes to IOVCC Description, Table 6..........................................7
Added Supply Current Calculations Section.............................. 16
Added Transient Voltage Protection Section, Figure 26, and
Figure 27; Renumbered Sequentially........................................... 17
Changes to Typical Connection Diagrams Section ................... 18
Changes to Figure 29...................................................................... 19
Changes to Figure 30...................................................................... 20
Updated Outline Dimensions....................................................... 21
4/12—Rev. 0 to Rev. A
Change to Transmit Impedance Parameter, RTS Low, Table 2...4
Changes to Figure 3, Figure 4, Figure 5, and Figure 7..................9
Changes to Figure 10 and Figure 11 ............................................ 10
Changed AD5755 to AD5755-1 Throughout............................. 17
Change to Figure 27 ....................................................................... 18
2/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com