Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5700BCPZ-R5 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5700BCPZ-R5
Description  Low Power HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5700BCPZ-R5 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5700BCPZ-R5 Datasheet HTML 14Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 15Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 16Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 17Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 18Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 19Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 20Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 21Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5700/AD5700-1
Data Sheet
Rev. D | Page 18 of 24
As previously mentioned, Figure 27 shows an example secondary
HART device, incorporating two-stage protection circuitry. In
this example, a bidirectional (for protection against both positive
and negative high voltage transients) TVS is included to provide
flexibility in the polarity of the connection points of the module.
Because this module could be connected to any point on the
current loop, the higher TVS rating was chosen. The lower
rated second stage provides added protection for the AD5700/
AD5700-1 device.
TYPICAL CONNECTION DIAGRAMS
Figure 28 shows a typical connection diagram for the AD5700/
AD5700-1 using the external and internal options. See the
Connecting to HART_IN or ADC_IP section for more details.
The AD5700/AD5700-1 are designed to interface easily with
Analog Devices, Inc., innovative portfolio of industrial
converters like the AD5421 loop-powered current-output DAC,
the AD5410/AD5420 and AD5412/AD5422 family of line-
powered current-output DACs, and the AD5755-1, a quad DAC
with innovative dynamic power control technology. The
combination of Analog Devices industrial converters and the
AD5700/AD5700-1 greatly simplifies system design, enhancing
reliability while reducing overall PCB size.
Figure 29 shows how the AD5700/AD5700-1 HART modem
can be interfaced with the AD5421 (4 mA to 20 mA loop-powered
DAC) and the ADuCM360 microcontroller to construct a loop
powered transmitter circuit. The HART signal from
HART_OUT is introduced to the AD5421 via the CIN pin.
The HART enabled smart transmitter reference demo circuit
(the block diagram shown in Figure 30) was developed by
Analog Devices and uses the AD5421, a 16-bit, loop-powered,
4 mA to 20 mA DAC, the ADuCM360 microcontroller and the
AD5700 modem. This circuit has been compliance tested,
verified, and registered as an approved HART solution by the
HART Communication Foundation. Contact your sales
representative for further information about this demo circuit.
In conclusion, the AD5700/AD5700-1 enable quick and easy
deployment of a robust HART-compliant system.
Figure 28. AD5700/AD5700-1 Typical Connection Diagram for External and Internal Filter Options
10µF
0.1µF
0.1µF
1µF
10µF
150pF
1µF
1.71V TO 5.5V
1.71V TO 5.5V
IOVCC VCC
AGND
AD5700/AD5700-1
150kΩ
1.2MΩ
1.2MΩ
300pF
REF
HART_OUT
DGND
CONFIGURATION
PINS
HART_IN
ADC_IP
CD
RXD
TXD
RTS
10µF
0.1µF
1µF
1.71V TO 5.5V
IOVCC VCC
AGND
AD5700/AD5700-1
REF
HART_OUT
DGND
CONFIGURATION
PINS
HART_IN
ADC_IP
CD
RXD
TXD
RTS
680pF
2.2nF
1µF
+
0.1µF
10µF
1.71V TO 5.5V
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com