Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5700BCPZ-R5 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5700BCPZ-R5
Description  Low Power HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5700BCPZ-R5 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5700BCPZ-R5 Datasheet HTML 10Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 11Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 12Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 13Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 14Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 15Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 16Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 17Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD5700/AD5700-1
Data Sheet
Rev. D | Page 14 of 24
CONNECTING TO HART_OUT
The HART_OUT pin is dc biased to 0.75 V and should be
capacitively coupled to the load. The current consumption
specifications in Table 2 are based on driving a 5 nF load. If
the application requires a larger load value, more current is
required. This value can be calculated from the following
formula:
RMS
LOAD
AD5700
TOTAL
I
I
I
+
=
2
2
2
1
2
4
mV
500
LOAD
LOAD
RMS
LOAD
R
C
f
I
+


×
×
×
=
π
(1)
where:
IAD5700 is the current drawn by the AD5700/AD5700-1 in
transmit mode as per specifications (see Table 2). Note that the
specifications in Table 2 assume a 5 nF CLOAD.
f is the output frequency (1.2 kHz or 2.2 kHz).
CLOAD is the capacitive load to ground on HART_OUT.
RLOAD is the resistive load on the loop.
When driving a purely capacitive load, the load should be in the
range of 5 nF to 52 nF. See Figure 11 for a typical plot of supply
current vs. capacitive load.
Example
Assume use of an internal reference, and CLOAD = 52 nF.
ICC + IOICC = 140 µA maximum (from Table 2
specification)
Note that this is incorporating a 5 nF load.
Therefore, to calculate the load current required to drive the
extra 47 nF, use Equation 1.
Substituting f = 1200 Hz, CLOAD = 47 nF, and RLOAD = 0 Ω into
the formula results in ILOAD of 62.6 µA.
If using the crystal oscillator, this adds 60 µA maximum (see
Table 2 for conditions).
Thus, the total worst-case current in this example is:
140 µA + 62.6 µA + 60 µA = 262.6 µA
If driving a load with a resistive element, it is recommended to
place a 22 nF capacitor to ground at the HART_OUT pin. The
load should be coupled with a 2.2 µF series capacitor. For low
impedance devices, the RLOAD range is typically 230 Ω to 600 Ω.
Figure 19. AD5700/AD5700-1 with Resistive Load at HART_OUT
FSK DEMODULATOR
Figure 20. AD5700/AD5700-1 Demodulator Waveform
(Preamble Message 0xFF)
When RTS is logic high, the modulator is disabled and the
demodulator is enabled, that is, the AD5700/AD5700-1 are in
receive mode. A high on CD indicates a valid carrier is detected.
The demodulator accepts an FSK signal at the HART_IN pin
and restores the original modulated signal at the UART
interface digital data output pin, RXD. The combination of the
ADC, digital filtering and digital demodulation results in a
highly accurate output on the RXD pin. The HART bit stream
follows a standard UART frame with a start bit, 8-bit data, one
parity, and a stop bit (see Figure 20).
CONNECTING TO HART_IN OR ADC_IP
The AD5700/AD5700-1 have two filter configuration options:
an external filter (HART signal is applied to ACP_IP) and an
internal filter (HART signal is applied to HART_IN).
The external filter configuration is shown in Figure 21. In this
case, the HART signal is applied to the ADC_IP pin through an
external filter circuit. In safety critical applications, the AD5700/
AD5700-1 must be isolated from the high voltage of the loop
supply. The recommended external band-pass filter includes a
150 kΩ resistor, which limits current to a sufficiently low level
to adhere to intrinsic safety requirements. In this case, the input
has higher transient voltage protection and should, therefore,
not require additional protection circuitry, even in the most
demanding of industrial environments. Assuming the use of a
1% accurate resistor and 10% accurate capacitor components,
the calculated variation in CD trip voltage levels vs. the ideal is
±3.5 mV.
Figure 21. AD5700/AD5700-1 with External Filter on ADC_IP
HART_OUT
2.2µF
22nF
RLOAD
STOP
START
8-BIT DATA + PARITY
RXD
HART_IN
HART
NETWORK
150kΩ
1.2MΩ
1µF
1.2MΩ
300pF
150pF
HART_OUT
REF
ADC_IP
AD5700/
AD5700-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com