Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5700BCPZ-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5700BCPZ-R5
Description  Low Power HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5700BCPZ-R5 Datasheet(HTML) 5 Page - Analog Devices

  AD5700BCPZ-R5 Datasheet HTML 1Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 2Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 3Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 4Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 5Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 6Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 7Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 8Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD5700/AD5700-1
Rev. D | Page 5 of 24
TIMING CHARACTERISTICS
VCC = 1.71 V to 5.5 V, IOVCC = 1.71 V to 5.5 V, TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1
Limit at TMIN, TMAX
Unit
Description
t1
1
Bit time2 max
Carrier start time. Time from RTS falling edge to carrier reaching its first peak. See
Figure 3.
t2
1
Bit time2 max
Carrier stop time. Time from RTS rising edge to carrier amplitude dropping below
the minimum receive amplitude.
t3
1
Bit time2 max
Carrier decay time. Time from RTS rising edge to carrier amplitude dropping to ac
zero. See Figure 4.
t4
6
Bit times2 max
Carrier detect on. Time from carrier on to CD rising edge. See Figure 5.
t5
6
Bit times2 max
Carrier detect off. Time from carrier off to CD falling edge. See Figure 6.
t6
10
Bit times2 max
Carrier detect on when switching from transmit mode to receive mode in the
presence of a constant valid carrier. Time from RTS rising edge to CD rising edge.
See Figure 7.
t7
2.1
ms typ
Crystal oscillator power-up time. On application of a valid power supply voltage at
VCC or on enabling of the oscillator via the XTAL_EN pin. Crystal load capacitors =
8 pF.
t8
6
ms typ
Crystal oscillator power-up time. Crystal load capacitors = 18 pF.
t9
25
µs typ
Internal oscillator power-up time. On application of a valid power supply voltage
at VCC or on enabling of the oscillator via the CLK_CFG0 and CLK_CFG1 pins.
t10
10
ms typ
Reference power-up time.
t11
30
µs typ
Transition time from power-down mode to normal operating mode (external
clock source, external reference).
1
Specifications apply to AD5700/AD5700-1 configured with internal or external receive filter.
2
Bit time is the length of time to transfer one bit of data (1 bit time = 1/1200 Hz = 833.333 µs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com