Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5700BCPZ-R5 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5700BCPZ-R5
Description  Low Power HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5700BCPZ-R5 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5700BCPZ-R5 Datasheet HTML 5Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 6Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 7Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 8Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 9Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 10Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 11Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 12Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD5700/AD5700-1
Rev. D | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Carrier Start Time
Figure 4. Carrier Stop/Decay Time
Figure 5. Carrier Detect On Timing
Figure 6. Carrier Detect Off Timing
Figure 7. Carrier Detect on When Switching from Transmit Mode to Receive
Mode in the Presence of a Constant Valid Carrier
Figure 8. Supply Currents vs. Supply Voltage—External Reference
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
TIME (ms)
TXD
RTS
TA = 25°C; VCC = IOVCC = 3.3V; INT VREF
RTS AND TXD DC LEVELS HAVE BEEN ADJUSTED FOR
CLARITY. IN REALITY, BOTH OF THESE SIGNALS RANGE
FROM 0V TO 3.3V.
HART_OUT
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
TIME (ms)
TXD
RTS
HART_OUT
TA = 25°C; VCC = IOVCC = 3.3V; INT VREF
RTS AND TXD DC LEVELS HAVE BEEN ADJUSTED FOR
CLARITY. IN REALITY, BOTH OF THESE SIGNALS RANGE
FROM 0V TO 3.3V.
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.5
0
0.5
1.0
1.5
2.0
2.5
TIME (ms)
RXD
CD
HART SIGNAL
TA = 25°C; VCC = IOVCC = 3.3V; INT VREF
CD AND RXD DC LEVELS HAVE BEEN ADJUSTED FOR
CLARITY. IN REALITY, BOTH OF THESE SIGNALS RANGE
FROM 0V TO 3.3V.
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–5
–4
–3
–2
–1
0
1
TIME (ms)
RXD
CD
HART SIGNAL
TA = 25°C; VCC = IOVCC = 3.3V; INT VREF
CD AND RXD DC LEVELS HAVE BEEN ADJUSTED FOR
CLARITY. IN REALITY, BOTH OF THESE SIGNALS RANGE
FROM 0V TO 3.3V.
1.50
1.25
1.00
0.75
0.50
0.25
0
–0.50
–0.25
–0.75
–1.00
–10
–7.5
–5.0
–2.5
0
2.5
TIME (ms)
CD
HART_OUT
HART SIGNAL
RTS
TA = 25°C; VCC = IOVCC = 3.3V; INT VREF
RTS AND CD DC LEVELS HAVE BEEN ADJUSTED FOR
CLARITY. IN REALITY, BOTH OF THESE SIGNALS RANGE
FROM 0V TO 3.3V.
HART SIGNAL HAS ALSO
BEEN OFFSET BY –0.6V.
100
90
80
70
60
50
40
30
20
10
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC = IOVCC (V)
TA = 25°C
VCC = IOVCC = 2.7V TO 5.5V
DEV 1 EXT REF
DEMOD ICC AND IOICC
DEMOD IREF
MOD IREF
MOD ICC AND IOICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com