Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5700BCPZ-R5 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5700BCPZ-R5
Description  Low Power HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5700BCPZ-R5 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5700BCPZ-R5 Datasheet HTML 15Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 16Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 17Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 18Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 19Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 20Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 21Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 22Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD5700/AD5700-1
Rev. D | Page 19 of 24
Figure 29. Loop-Powered Transmitter Diagram
HART_OUT
ADC_IP
REF
AD5700/AD5700-1
47nF
168nF
300pF
DGND
AGND
VCC
RL
200kΩ
LOOP–
REXT1
REXT2
DRIVE
COM
REFOUT1 REFIN
REGIN
IODVDD DVDD REGOUT
VLOOP
AD5421
19MΩ
1MΩ
VLOOP
ADuCM360
SYNC
SCLK
SDIN
SDO
RINT/REXT
ALARM_CURRENT_DIRECTION
RANGE1
RANGE0
FAULT
LDAC
COM
TXD
RXD
RTS
CD
R1
R1
470Ω
1.2MΩ
150kΩ
1.2MΩ
150pF
OPTIONAL
RESISTOR
T1
OPTIONAL
MOSFET
DN2540
BSP129
0.1µF
SETS REGULATOR
VOLTAGE
CIN
10µF
0.1µF
1µF
0.1µF
VZ = 4.7V
4.7µF
REFOUT2
OPTIONAL
EMC FILTER
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com