Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5700BCPZ-R5 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5700BCPZ-R5
Description  Low Power HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5700BCPZ-R5 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5700BCPZ-R5 Datasheet HTML 13Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 14Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 15Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 16Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 17Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 18Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 19Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 20Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD5700/AD5700-1
Rev. D | Page 17 of 24
APPLICATIONS INFORMATION
SUPPLY DECOUPLING
It is recommended to decouple the VCC and IOVCC supplies with
10 μF in parallel with 0.1 μF capacitors to ground. For many
applications, 1 μF in parallel with 0.1 μF ceramic capacitors to
ground should be sufficient. The REG_CAP voltage of 1.8 V is
used to supply the AD5700/AD5700-1 internal circuitry and is
derived from the VCC supply using a high efficiency clocking
LDO. Decouple this REG_CAP supply with a 1 μF ceramic
capacitor to ground. It is also required to decouple the REF pin
with a 1 μF ceramic capacitor to ground. Place decoupling
capacitors as close to the relevant pins as possible.
For loop-powered applications, it is recommended to connect a
resistance in series with the VCC supply to minimize the effect of
any noise, which may, depending on the system configuration, be
introduced onto the loop as a result of current draw variations
from the AD5700/AD5700-1. For typical applications, 470 Ω of
resistance has proven most effective. However, depending on the
application conditions, alternative values may also be acceptable
(see R1 in Figure 29).
TRANSIENT VOLTAGE PROTECTION
Many industrial control applications have requirements for
HART-enabled current input and output modules. Figure 26
shows an example of a HART-enabled current input module
that contains transient voltage protection circuitry, which is
very important in harsh industrial control environments.
The module is powered from a 24 V field supply, and the 250 Ω
load is within the low impedance module itself. This configuration
is in contrast to Figure 27, which demonstrates a secondary HART
device, in which the load is outside of the module. For transient
voltage protection, a 10 V unidirectional (for protection against
positive high voltage transients) transient voltage suppressor (TVS)
is placed at the connection point of the current input module.
The TVS component that is used in a given application circuit
must have power ratings that are appropriate to the individual
system. When choosing the TVS, low leakage current is also an
important specification for maintaining the accuracy of the analog
current input. In the event of a transient spike, the 22 Ω series
resistor acts as a current limiting resistor for the FSK output pin.
The FSK input pin is inherently protected by the 150 kΩ resistor,
which forms part of the recommended external filter circuitry
at the FSK input. The voltage divider, made up of both a 75 kΩ
resistor and a 22 kΩ resistor, is used to maintain a 0.75 V dc bias
at the field side of the FSK output switch.
Figure 26. Current Input Module, HART Circuit
Figure 27. Secondary HART Device
HART_OUT
ADC_IP
AGND
TXD
RXD
RTS
CD
VCC
AD5700/
AD5700-1
ADC
REF
10nF
3.3V
75kΩ
22kΩ
2.2µF
22Ω
6.8nF
3.3V
1.2MΩ
1.2MΩ
300pF
150kΩ
150pF
10µF
10V
400W
MICRO-
CONTROLLER
VLOOP
24V
20kΩ
250Ω
1µF
HART_OUT
ADC_IP
AGND
TXD
RXD
RTS
CD
AD5700/
AD5700-1
REF
10nF
3.3V
75kΩ
22kΩ
2.2µF
50V
4.7Ω
0.5W
6.8nF
50V
3.3V
1.2MΩ
1.2MΩ
300pF
150kΩ
150pF
39V
1500W
20Ω
10V
400W
HOST
1µF
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com