Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5700BCPZ-R5 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5700BCPZ-R5
Description  Low Power HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5700BCPZ-R5 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5700BCPZ-R5 Datasheet HTML 4Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 5Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 6Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 7Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 8Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 9Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 10Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 11Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5700/AD5700-1
Data Sheet
Rev. D | Page 8 of 24
Pin No.
Mnemonic
Description
19
AGND
Analog Circuitry Ground Reference Connection.
20
XTAL2
Connection for External 3.6864 MHz Crystal. Do not connect to this pin if using the internal RC oscillator
(AD5700-1 only) or an external clock source.
21
XTAL1
Connection for External 3.6864 MHz Crystal or External Clock Source Input. Tie this pin to ground if using the
internal RC oscillator (AD5700-1 only).
22
DGND
Digital Circuitry Ground Reference Connection. For typical operation, it is recommended to connect this pin to
AGND.
23
REF_EN
Reference Enable. A high state enables the internal 1.5 V reference and buffer. A low state disables the internal
reference and input buffer, and a buffered external 2.5 V reference source must be applied at REF. If REF_EN is
tied low, VCC must be greater than 2.7 V.
24
FILTER_SEL
Band-Pass Filter Select. A high state enables the internal filter and the HART signal should be applied to the
HART_IN pin. A low state disables the internal filter and an external band-pass filter must then be connected at
the ADC_IP input pin. In this case, the HART signal should be applied to the ADC_IP pin.
EPAD
EPAD
Exposed Pad. For typical operation, it is recommended to connect this pin to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com