Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5700BCPZ-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5700BCPZ-R5
Description  Low Power HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5700BCPZ-R5 Datasheet(HTML) 1 Page - Analog Devices

  AD5700BCPZ-R5 Datasheet HTML 1Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 2Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 3Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 4Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 5Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 6Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 7Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 8Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Power HART Modem
Data Sheet
AD5700/AD5700-1
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
HART-compliant fully integrated FSK modem
1200 Hz and 2200 Hz sinusoidal shift frequencies
115 µA maximum supply current in receive mode
Suitable for intrinsically safe applications
Integrated receive band-pass filter
Minimal external components required
Clocking optimized for various system configurations
Ultralow power crystal oscillator (60 µA maximum)
External CMOS clock source
Precision internal oscillator (AD5700-1 only)
Buffered HART output—extra drive capability
8 kV HBM ESD rating
1.71 V to 5.5 V power supply
1.71 V to 5.5 V interface
−40°C to +125°C operation
4 mm × 4 mm LFCSP package
HART physical layer compliant
UART interface
APPLICATIONS
Field transmitters
HART multiplexers
PLC and DCS analog I/O modules
HART network connectivity
GENERAL DESCRIPTION
The AD5700/AD5700-1 are single-chip solutions, designed
and specified to operate as a HART® FSK half-duplex modem,
complying with the HART physical layer requirements. The
AD5700/AD5700-1 integrate all of the necessary filtering, signal
detection, modulating, demodulating and signal generation
functions, thus requiring few external components. The 0.5%
precision internal oscillator on the AD5700-1 greatly reduces
the board space requirements, making it ideal for line-powered
applications in both master and slave configurations. The maxi-
mum supply current consumption is 115 µA, making the AD5700/
AD5700-1 an optimal choice for low power loop-powered applica-
tions. Transmit waveforms are phase continuous 1200 Hz and
2200 Hz sinusoids. The AD5700/AD5700-1 contain accurate
carrier detect circuitry and use a standard UART interface.
Table 1. Related Products
Part No.
Description
AD5755-1
Quad-channel, 16-bit, serial input, 4 mA to 20 mA and
voltage output DAC, dynamic power control, HART
connectivity
AD5421
16-bit, serial input, loop powered, 4 mA to 20 mA DAC
AD5410/
AD5420
Single-channel, 12-bit/16-bit, serial input, 4 mA to 20 mA
current source DACs
AD5412/
AD5422
Single-channel, 12-bit/16-bit, serial input, current
source and voltage output DACs
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
OSC
XTAL1
REF REF_EN
AGND
DGND
FILTER_SEL
CLKOUT
REG_CAP
VCC
RESET
CD
DUPLEX
IOVCC
HART_OUT
ADC_IP
HART_IN
RXD
TXD
RTS
CLK_CFG0
CLK_CFG1
XTAL_EN
AD5700/AD5700-1
XTAL2
FSK
MODULATOR
VOLTAGE
REFERENCE
DAC
FSK
DEMODULATOR
BAND-PASS
FILTER AND
BIASING
ADC
BUFFER


Similar Part No. - AD5700BCPZ-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5700BCPZ-R5 AD-AD5700BCPZ-R5 Datasheet
502Kb / 20P
Low Power HART Modem
REV. A
More results

Similar Description - AD5700BCPZ-R5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
HART Modem
Rev 0; 10/08
DS8500 MAXIM-DS8500_09 Datasheet
170Kb / 7P
HART Modem
Rev 1; 2/09
logo
Analog Devices
AD5700 AD-AD5700 Datasheet
502Kb / 20P
Low Power HART Modem
REV. A
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
HART Modem
December, 2011 ??Rev. 5
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
HART Modem
October, 2011 ??Rev. 2
A5191HRTPG ONSEMI-A5191HRTPG Datasheet
199Kb / 14P
HART Modem
March, 2013 ??Rev. 6
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
HART Modem
March, 2016 ??Rev. 1
A5191HRT ONSEMI-A5191HRT_16 Datasheet
160Kb / 14P
HART Modem
September, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com