Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5700BCPZ-R5 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5700BCPZ-R5
Description  Low Power HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5700BCPZ-R5 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5700BCPZ-R5 Datasheet HTML 9Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 10Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 11Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 12Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 13Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 14Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 15Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 16Page - Analog Devices AD5700BCPZ-R5 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD5700/AD5700-1
Rev. D | Page 13 of 24
THEORY OF OPERATION
Highway Addressable Remote Transducer (HART) Communica-
tion is the global standard for sending and receiving digital
information across analog wires between smart field devices
and control systems. This is a digital two-way communication
system, in which a 1 mA p-p frequency shift keyed (FSK) signal
is modulated on top of a 4 mA to 20 mA analog current signal.
The AD5700/AD5700-1 are designed and specified to operate
as a single-chip, low power, HART FSK half-duplex modem,
complying with the HART physical layer requirements
(Revision 8.1).
A single-chip solution, the AD5700/AD5700-1 not only inte-
grate the modulation and demodulation functions, but also
contain an internal reference, an integrated receive band-pass
filter (which has the flexibility of being bypassed if required),
and an internally buffered HART output, giving a high output
drive capability and removing the need for external buffering.
The AD5700-1 option also contains a precision internal RC
oscillator. The block diagram in Figure 1 shows a graphical
illustration of how these circuit blocks are connected together.
As a result of such extensive integration options, minimal
external components are required. The AD5700/AD5700-1
are suitable for use in both HART field instrument and master
configurations.
The AD5700/AD5700-1 either transmit or receive 1.2 kHz and
2.2 kHz carrier signals. A 1.2 kHz signal represents a digital 1,
or mark, whereas a 2.2 kHz signal represents a 0, or space.
There are three main clocking configurations supported by
these parts, two of which are available on the AD5700 option,
whereas all three are available on the AD5700-1 device:
External crystal
CMOS clock input
Internal RC oscillator (AD5700-1 only)
The device is controlled via a standard UART interface. The
relevant signals are RTS, CD, TXD, and RXD (see Table 6 for
more detail on individual pin descriptions).
FSK MODULATOR
The modulator converts a bit stream of UART-encoded HART
data at the TXD input to a sequence of 1200 Hz and 2200 Hz
tones (see Figure 17). This sinusoidal signal is internally buff-
ered and output on the HART_OUT pin. The modulator is
enabled by bringing the RTS signal low.
Figure 17. AD5700/AD5700-1 Modulator Waveform
The modulator block contains a DDS engine that produces a
1.2 kHz or 2.2 kHz sine wave in digital form and then performs
a digital-to-analog conversion. This DDS engine inherently
generates continuous phase signals, thus avoiding any output
discontinuity when switching between frequencies. For more
information on DDS fundamentals, see MT-085, Fundamentals
of Direct Digital Synthesizers (DDS). Figure 18 demonstrates a
simple implementation of this FSK encoding.
Figure 18. DDS-Based FSK Encoder
STOP
START
8-BIT DATA + PARITY
TXD
HART_OUT
"1" = MARK
1.2kHz
"0" = SPACE
2.2kHz
1.2kHz
WORD
2.2kHz
WORD
DDS
DAC
FSK
0
DATA
1
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com