Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0TR Datasheet(PDF) 52 Page - STMicroelectronics

Part # LSM9DS0TR
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0TR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LSM9DS0TR Datasheet HTML 48Page - STMicroelectronics LSM9DS0TR Datasheet HTML 49Page - STMicroelectronics LSM9DS0TR Datasheet HTML 50Page - STMicroelectronics LSM9DS0TR Datasheet HTML 51Page - STMicroelectronics LSM9DS0TR Datasheet HTML 52Page - STMicroelectronics LSM9DS0TR Datasheet HTML 53Page - STMicroelectronics LSM9DS0TR Datasheet HTML 54Page - STMicroelectronics LSM9DS0TR Datasheet HTML 55Page - STMicroelectronics LSM9DS0TR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
Register description
LSM9DS0
52/74
DocID024763 Rev 2
8.23
OUT_TEMP_L_XM (05h), OUT_TEMP_H_XM (06h)
Temperature sensor data.
Refer to Section 4.4: Temperature sensor for details on how to enable and read the
temperature sensor output data.
8.24
STATUS_REG_M (07h)
8.25
OUT_X_L_M (08h), OUT_X_H_M (09h)
X-axis magnetic data.
The value is expressed in 16-bit as two’s complement left justified.
8.26
OUT_Y_L_M (0Ah), OUT_Y_H_M (0Bh)
Y-axis magnetic data.
The value is expressed in 16-bit as two’s complement left justified.
Table 61. STATUS_REG_M register
ZYXMOR
ZMOR
YMOR
XMOR
ZYXMDA
ZMDA
YMDA
XMDA
Table 62. STATUS_REG_M description
ZYXMOR Magnetic X, Y and Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data has overwritten the previous ones).
ZMOR
Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new data for the Z-axis has overwritten the previous
one)
YMOR
Y-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new data for the Y-axis has overwritten the previous
one)
XMOR
X-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new data for the X-axis has overwritten the previous
one)
ZYXMDA X, Y and Z-axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available).
ZMDA
Z-axis new data available. Default value: 0
(0: a new set of data for the Z-axis is not yet available; 1: a new set of data for the Z-axis
is available)
YMDA
Y-axis new data available. Default value: 0
(0: a new set of data for the Y-axis is not yet available; 1: a new set of data for the Y-axis
is available)
XMDA
X-axis new data available. Default value: 0
(0: a new set of data for the X-axis is not yet available; 1: a new set of data for the X-axis
is available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com