Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0TR Datasheet(PDF) 59 Page - STMicroelectronics

Part # LSM9DS0TR
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0TR Datasheet(HTML) 59 Page - STMicroelectronics

Back Button LSM9DS0TR Datasheet HTML 55Page - STMicroelectronics LSM9DS0TR Datasheet HTML 56Page - STMicroelectronics LSM9DS0TR Datasheet HTML 57Page - STMicroelectronics LSM9DS0TR Datasheet HTML 58Page - STMicroelectronics LSM9DS0TR Datasheet HTML 59Page - STMicroelectronics LSM9DS0TR Datasheet HTML 60Page - STMicroelectronics LSM9DS0TR Datasheet HTML 61Page - STMicroelectronics LSM9DS0TR Datasheet HTML 62Page - STMicroelectronics LSM9DS0TR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
DocID024763 Rev 2
59/74
LSM9DS0
Register description
74
8.43
CTRL_REG5_XM (24h)
8.44
CTRL_REG6_XM (25h)
Table 82. CTRL_REG5_XM register
TEMP_EN
M_RES1
M_RES0
M_ODR2
M_ODR1
M_ODR0
LIR2
LIR1
Table 83. CTRL_REG5_XM description
TEMP_EN
Temperature sensor enable. Default value: 0
(0: temperature sensor disabled; 1: temperature sensor enabled)
M_RES[1:0] Magnetic resolution selection. Default value: 00
(00: low resolution, 11: high resolution)
M_ODR[2:0] Magnetic data rate selection. Default value: 110
Refer to Table 84: Magnetic data rate configuration
LIR2
Latch interrupt request on INT2_SRC register, with INT2_SRC register cleared by
reading INT2_SRC itself. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
LIR1
Latch interrupt request on INT1_SRC register, with INT1_SRC register cleared by
reading INT1_SRC itself. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
Table 84. Magnetic data rate configuration
M_ODR2
M_ODR1
M_ODR0
Power mode selection
0
0
0
3.125 Hz
0
0
1
6.25 Hz
0
1
0
12.5 Hz
0
1
1
25 Hz
1
0
0
50 Hz
1
0
1
100 Hz(1)
1. Available only for accelerometer ODR > 50 Hz or accelerometer in power-down mode (refer to Table 72,
AODR setting).
1
1
0
Reserved
1
1
1
Reserved
Table 85. CTRL_REG6_XM register
0(1)
MFS1
MFS0
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device
0(1)
0(1)
0(1)
0(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com