Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # LSM9DS0TR
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LSM9DS0TR Datasheet HTML 25Page - STMicroelectronics LSM9DS0TR Datasheet HTML 26Page - STMicroelectronics LSM9DS0TR Datasheet HTML 27Page - STMicroelectronics LSM9DS0TR Datasheet HTML 28Page - STMicroelectronics LSM9DS0TR Datasheet HTML 29Page - STMicroelectronics LSM9DS0TR Datasheet HTML 30Page - STMicroelectronics LSM9DS0TR Datasheet HTML 31Page - STMicroelectronics LSM9DS0TR Datasheet HTML 32Page - STMicroelectronics LSM9DS0TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
DocID024763 Rev 2
29/74
LSM9DS0
Application hints
74
5
Application hints
Figure 11. LSM9DS0 electrical connections
5.1
External capacitors
The C1 and C2 external capacitors should be low SR value, ceramic type construction (typ
recommended value 200 mOhm). Reservoir capacitor C1 is nominally 4.7 μF in
capacitance, with the set/reset capacitor C2 nominally 0.22 μF in capacitance.
The device core is supplied through the Vdd line. Power supply decoupling capacitors
(C4 = 100 nF ceramic, C3 = 10 μF Al) should be placed as near as possible to the supply
pin of the device (common design practice). All the voltage and ground supplies must be
present at the same time to have proper behavior of the IC (refer to Figure 11).
The functions of the device and the measured acceleration/magnetic field data are
selectable and accessible through the I2C / SPI interfaces.
The functions, the threshold and the timing of the three interrupt pins (INT_G, INT1_XM and
INT2_XM) can be completely programmed by the user through the I2C / SPI interfaces.
Pin 1 indicator
Res
TOP
VIEW
18
13
12
7
1
6
24
19
INT1_XM
Vdd
INT2_XM
Vdd_IO
C1= 4.7µF
C2=0.22µF
GND
C3= 10µF
GND
GND
C4= 100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com