Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0TR Datasheet(PDF) 57 Page - STMicroelectronics

Part # LSM9DS0TR
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0TR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button LSM9DS0TR Datasheet HTML 53Page - STMicroelectronics LSM9DS0TR Datasheet HTML 54Page - STMicroelectronics LSM9DS0TR Datasheet HTML 55Page - STMicroelectronics LSM9DS0TR Datasheet HTML 56Page - STMicroelectronics LSM9DS0TR Datasheet HTML 57Page - STMicroelectronics LSM9DS0TR Datasheet HTML 58Page - STMicroelectronics LSM9DS0TR Datasheet HTML 59Page - STMicroelectronics LSM9DS0TR Datasheet HTML 60Page - STMicroelectronics LSM9DS0TR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
DocID024763 Rev 2
57/74
LSM9DS0
Register description
74
8.41
CTRL_REG3_XM (22h)
Table 74. CTRL_REG2_XM description
ABW[1:0]
Accelerometer anti-alias filter bandwidth. Default value: 00
Refer to Table 75: Acceleration anti-alias filter bandwidth
AFS[2:0]
Acceleration full-scale selection. Default value: 000
Refer to Table 76: Acceleration full-scale selection
AST[1:0]
Acceleration self-test enable. Default value: 00
(00: self-test disabled; see Table 77: Self-test mode configuration)
SIM
SPI Serial Interface Mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
Table 75. Acceleration anti-alias filter bandwidth
ABW1
ABW0
Anti-alias filter bandwidth
0
0
773 Hz
0
1
194 Hz
1
0
362 Hz
1
1
50 Hz
Table 76. Acceleration full-scale selection
AFS2
AFS1
AFS0
Acceleration full scale
0
0
0
±2 g
0
0
1
±4 g
0
1
0
±6 g
0
1
1
±8 g
1
0
0
±16 g
Table 77. Self-test mode configuration
AST1
AST0
Self-test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Negative sign self-test
1
1
Not allowed
Table 78. CTRL_REG3_XM register
P1_BOOT
P1_TAP
P1_INT1
P1_INT2
P1_INTM
P1_DRDYA
P1_DRDYM
P1_EMPTY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com