Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0TR Datasheet(PDF) 60 Page - STMicroelectronics

Part # LSM9DS0TR
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0TR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button LSM9DS0TR Datasheet HTML 56Page - STMicroelectronics LSM9DS0TR Datasheet HTML 57Page - STMicroelectronics LSM9DS0TR Datasheet HTML 58Page - STMicroelectronics LSM9DS0TR Datasheet HTML 59Page - STMicroelectronics LSM9DS0TR Datasheet HTML 60Page - STMicroelectronics LSM9DS0TR Datasheet HTML 61Page - STMicroelectronics LSM9DS0TR Datasheet HTML 62Page - STMicroelectronics LSM9DS0TR Datasheet HTML 63Page - STMicroelectronics LSM9DS0TR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
Register description
LSM9DS0
60/74
DocID024763 Rev 2
8.45
CTRL_REG7_XM (26h)
Table 86. CTRL_REG6_XM description
MFS1-
MFS0
Magnetic full-scale selection. Default value: 01
Refer to Table 87: Magnetic full-scale selection
Table 87. Magnetic full-scale selection
MFS1
MFS0
Magnetic full scale
0
0
± 2 gauss
0
1
± 4 gauss
1
0
± 8 gauss
1
1
± 12 gauss
Table 88. CTRL_REG7_XM register
AHPM1
AHPM0
AFDS
0(1)
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device
MLP
MD1
MD0
Table 89. CTRL_REG7_XM description
AHPM1-
AHPM0
High-pass filter mode selection for acceleration data. Default value: 00
Refer to Table 90: High-pass filter mode selection
AFDS
Filtered acceleration data selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter sent to output register and FIFO)
MLP
Magnetic data low-power mode. Default value: 0
If this bit is ‘1’ the MODR is set to 3.125 Hz independently from the MODR settings.
Once the bit is set to ‘0’ the magnetic data rate is configured by MODR bits in
CTRL_REG5_XM (24h) register.
MD1-MD0
Magnetic sensor mode selection. Default 10
Refer to Table 91: Magnetic sensor mode selection
Table 90. High-pass filter mode selection
AHPM1
AHPM0
High-pass filter mode
0
0
Normal mode (resets x, y and z-axis reading REFERENCE_X (1Ch), REF-
ERENCE_Y (1Dh) and REFERENCE_Y (1Dh) registers respectively)
0
1
Reference signal for filtering
1
0
Normal mode
1
1
Autoreset on interrupt event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com