Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0TR Datasheet(PDF) 55 Page - STMicroelectronics

Part # LSM9DS0TR
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0TR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button LSM9DS0TR Datasheet HTML 51Page - STMicroelectronics LSM9DS0TR Datasheet HTML 52Page - STMicroelectronics LSM9DS0TR Datasheet HTML 53Page - STMicroelectronics LSM9DS0TR Datasheet HTML 54Page - STMicroelectronics LSM9DS0TR Datasheet HTML 55Page - STMicroelectronics LSM9DS0TR Datasheet HTML 56Page - STMicroelectronics LSM9DS0TR Datasheet HTML 57Page - STMicroelectronics LSM9DS0TR Datasheet HTML 58Page - STMicroelectronics LSM9DS0TR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
DocID024763 Rev 2
55/74
LSM9DS0
Register description
74
8.35
REFERENCE_X (1Ch)
Reference value for high-pass filter for x-axis acceleration data.
8.36
REFERENCE_Y (1Dh)
Reference value for high-pass filter for y-axis acceleration data.
8.37
REFERENCE_Z (1Eh)
Reference value for high-pass filter for z-axis acceleration data.
8.38
CTRL_REG0_XM (1Fh)
8.39
CTRL_REG1_XM (20h)
Table 68. CTRL_REG0_XM register
BOOT
FIFO_EN
WTM_EN
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device
0(1)
HP_Click
HPIS1
HPIS2
Table 69. CTRL_REG0_XM description
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
FIFO_EN
FIFO enable. Default value: 0
(0: FIFO disable; 1: FIFO Enable)
WTM_EN
FIFO programmable watermark enable. Default value: 0
(0: disable; 1: Enable)
HP_Click
High-pass filter enabled for Click function. Default value: 0
(0: filter bypassed; 1: filter enabled)
HPIS1
High-pass filter enabled for interrupt generator 1. Default value: 0
(0: filter bypassed; 1: filter enabled)
HPIS2
High-pass filter enabled for interrupt generator 2. Default value: 0
(0: filter bypassed; 1: filter enabled)
Table 70. CTRL_REG1_XM register
AODR3
AODR2
AODR1
AODR0
BDU
AZEN
AYEN
AXEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com