Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0TR Datasheet(PDF) 44 Page - STMicroelectronics

Part # LSM9DS0TR
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0TR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LSM9DS0TR Datasheet HTML 40Page - STMicroelectronics LSM9DS0TR Datasheet HTML 41Page - STMicroelectronics LSM9DS0TR Datasheet HTML 42Page - STMicroelectronics LSM9DS0TR Datasheet HTML 43Page - STMicroelectronics LSM9DS0TR Datasheet HTML 44Page - STMicroelectronics LSM9DS0TR Datasheet HTML 45Page - STMicroelectronics LSM9DS0TR Datasheet HTML 46Page - STMicroelectronics LSM9DS0TR Datasheet HTML 47Page - STMicroelectronics LSM9DS0TR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
Register description
LSM9DS0
44/74
DocID024763 Rev 2
8.5
CTRL_REG4_G (23h)
8.6
CTRL_REG5_G (24h)
Table 29. CTRL_REG4_G register
BDU
BLE
FS1
FS0
-
ST1
ST0
SIM
Table 30. CTRL_REG4_G description
BDU
Block data update. Default value: 0
(0: continuous update; 1: output registers not updated until MSb and LSb
read)
BLE
Big/little endian data selection. Default value 0.
(0: Data LSb @ lower address; 1: Data MSb @ lower address)
FS1-FS0
Full-scale selection. Default value: 00
(00: 245 dps; 01: 500 dps; 10: 2000 dps; 11: 2000 dps)
ST1-ST0
Self-test enable. Default value: 00
(00: Self-test disabled; Other: See Table 31)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface).
Table 31. Self-test mode configuration
ST1
ST0
Self-test mode
0
0
Normal mode
0
1
Self-test 0 (1)(X positive sign, Y and Z negative sign)
1. DST sign (absolute value in
Table 3)
10--
1
1
Self-test 1 (1) (X negative sign, Y and Z positive sign)
Table 32. CTRL_REG5_G register
BOOT
FIFO_EN
--
HPen
INT1_Sel1 INT1_Sel0
Out_Sel1
Out_Sel0
Table 33. CTRL_REG5_G description
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
FIFO_EN
FIFO enable. Default value: 0
(0: FIFO disable; 1: FIFO enable)
HPen
High-pass filter enable. Default value: 0
(0: HPF disabled; 1: HPF enabled) (See Figure 18)
INT1_Sel1-INT1_Sel0
INT1 selection configuration. Default value: 00
(See Figure 18)
Out_Sel1-Out_Sel0
Out selection configuration. Default value: 00
(See Figure 18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com