Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # LSM9DS0TR
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LSM9DS0TR Datasheet HTML 24Page - STMicroelectronics LSM9DS0TR Datasheet HTML 25Page - STMicroelectronics LSM9DS0TR Datasheet HTML 26Page - STMicroelectronics LSM9DS0TR Datasheet HTML 27Page - STMicroelectronics LSM9DS0TR Datasheet HTML 28Page - STMicroelectronics LSM9DS0TR Datasheet HTML 29Page - STMicroelectronics LSM9DS0TR Datasheet HTML 30Page - STMicroelectronics LSM9DS0TR Datasheet HTML 31Page - STMicroelectronics LSM9DS0TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
Functionality
LSM9DS0
28/74
DocID024763 Rev 2
4.3.7
Retrieving data from FIFO
A read operation from the OUT_X_L_G (28h), OUT_X_H_G (29h), OUT_Y_L_G (2Ah),
OUT_Y_H_G (2Bh) or OUT_Z_L_G (2Ch), OUT_Z_H_G (2Dh) registers provides the data
stored in the FIFO. Each time data is read from the FIFO, the oldest pitch, roll and yaw data
are placed in the OUT_X_L_G (28h), OUT_X_H_G (29h), OUT_Y_L_G (2Ah),
OUT_Y_H_G (2Bh) and OUT_Z_L_G (2Ch), OUT_Z_H_G (2Dh) registers and both single
read and read_burst (X,Y & Z with auto-incremental address) operations can be used.
When data included in OUT_Z_H_G is read, the system again starts to read information
from addr OUT_X_L_G.
4.4
Temperature sensor
The LSM9DS0 features an embedded temperature sensor.
Temperature data can be enabled by setting the TEMP_EN bit in the CTRL_REG5_XM
(24h) register to 1.
Both OUT_TEMP_H_XM and OUT_TEMP_L_XM registers must be read.
Temperature data is stored inside OUT_TEMP_L_XM (05h), OUT_TEMP_H_XM (06h) as
two’s complement data in 12-bit format, right justified.
The output data rate of the temperature sensor is set by M_ODR in CTRL_REG5_XM (24h)
and is equal to the magnetic sensor output data rate.
4.5
Factory calibration
The IC interface is factory calibrated. The trimming values are stored inside the non-volatile
memory of the device. Any time the device is turned on, the trimming parameters are
downloaded into the registers to be used during normal operation. This allows the using the
device without further calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com