Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # LSM9DS0TR
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LSM9DS0TR Datasheet HTML 11Page - STMicroelectronics LSM9DS0TR Datasheet HTML 12Page - STMicroelectronics LSM9DS0TR Datasheet HTML 13Page - STMicroelectronics LSM9DS0TR Datasheet HTML 14Page - STMicroelectronics LSM9DS0TR Datasheet HTML 15Page - STMicroelectronics LSM9DS0TR Datasheet HTML 16Page - STMicroelectronics LSM9DS0TR Datasheet HTML 17Page - STMicroelectronics LSM9DS0TR Datasheet HTML 18Page - STMicroelectronics LSM9DS0TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
DocID024763 Rev 2
15/74
LSM9DS0
Module specifications
74
2.2
Temperature sensor characteristics
The electrical characteristics concerning the temperature sensor are given in the table
below.
@ Vdd = 3.0 V, T=25 °C unless otherwise noted.
Table 4. Temperature sensor electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor output
change vs. temperature
-
8
LSB/°C
TODR
Temperature refresh rate
M_ODR
[2:0](2)
Hz
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Refer to Table 84: Magnetic data rate configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com