Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS0TR Datasheet(PDF) 54 Page - STMicroelectronics

Part # LSM9DS0TR
Description  iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS0TR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button LSM9DS0TR Datasheet HTML 50Page - STMicroelectronics LSM9DS0TR Datasheet HTML 51Page - STMicroelectronics LSM9DS0TR Datasheet HTML 52Page - STMicroelectronics LSM9DS0TR Datasheet HTML 53Page - STMicroelectronics LSM9DS0TR Datasheet HTML 54Page - STMicroelectronics LSM9DS0TR Datasheet HTML 55Page - STMicroelectronics LSM9DS0TR Datasheet HTML 56Page - STMicroelectronics LSM9DS0TR Datasheet HTML 57Page - STMicroelectronics LSM9DS0TR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 74 page
background image
Register description
LSM9DS0
54/74
DocID024763 Rev 2
8.30
INT_SRC_REG_M (13h)
8.31
INT_THS_L_M (14h), INT_THS_H_M (15h)
Magnetic interrupt threshold. Default value: 0.
The value is expressed in 16-bit unsigned.
Even if the threshold is expressed in absolute value, the device detects both positive and
negative thresholds.
8.32
OFFSET_X_L_M (16h), OFFSET_X_H_M (17h)
Magnetic offset for X-axis. Default value: 0.
The value is expressed in 16-bit as two’s complement left justified.
8.33
OFFSET_Y_L_M (18h), OFFSET_Y_H_M (19h)
Magnetic offset for Z-axis. Default value: 0.
The value is expressed in 16-bit as two’s complement left justified.
8.34
OFFSET_Z_L_M (1Ah), OFFSET_Z_H_M (1Bh)
Magnetic offset for Y-axis. Default value: 0.
The value is expressed in 16-bit as two’s complement left justified.
Table 66. INT_SRC_REG_M register
M_PTH_X
M_PTH_Y
M_PTH_Z
M_NTH_X M_NTH_Y M_NTH_Z MROI
MINT
Table 67. INT_SRC_REG_M description
M_PTH_X
Magnetic value on X-axis exceeds the threshold on the positive side. Default value: 0.
M_PTH_Y
Magnetic value on Y-axis exceeds the threshold on the positive side. Default value: 0.
M_PTH_Z
Magnetic value on Z-axis exceeds the threshold on the positive side. Default value: 0.
M_NTH_X
Magnetic value on X-axis exceeds the threshold on the negative side. Default value: 0.
M_NTH_Y
Magnetic value on Y-axis exceeds the threshold on the negative side. Default value: 0.
M_NTH_Z
Magnetic value on Z-axis exceeds the threshold on the negative side. Default value: 0.
MROI
Internal measurement range overflow on magnetic value. Default value: 0.
To enable this feature need to set to 1 MIEN bit in 8.29: INT_CTRL_REG_M (12h)
MINT
Magnetic interrupt event. The magnetic field value exceeds the threshold. Default
value: 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com