Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GETINFOBRIEF Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button GETINFOBRIEF Datasheet HTML 20Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 21Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 22Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 23Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 24Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 25Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 26Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 27Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
24
Freescale Semiconductor
Operation
Each bit variable listed in Table 6 is defined in Figure 14, Figure 15, Figure 16, and Figure 17.
Address: $00C8
76
54
321
0
R
SPEED
CHANGING
FORWARD
MOTION
MOTOR
ENERGIZED
RESISTIVE
BRAKE
EXTERNAL
FAULT TRIP
OVER
VOLTAGE
TRIP
UNDER
VOLTAGE
TRIP
W
Reset
U
01
00
U
0
0
= Unimplemented or Reserved
U = Unaffected
Figure 14. Status Register
Table 7. Status Register Field Descriptions
Field
Description
6
SPEED
CHANGING
SPEED CHANGING Bit — This read-only bit indicates if the motor is at a steady speed or if it is
accelerating or declerating.
0 Motor is at a steady speed.
1 Motor is accelerating or decelerating.
5
FORWARD
MOTION
FORWARD MOTION Bit — This read-only bit indicates the direction of the motor. It also indicates
if the motor is stopped.
0 Motor is rotating in the reverse direction.
1 Motor is rotating in the forward direction. If this bit is a logic 1 and the actual frequency (location
$0085 and $0086) is 0, the motor is stopped.
4
MOTOR
ENERGIZED
MOTOR ENERGIZED Bit — This read-only bit indicates PWM output activity
0 The PWM outputs are inactive or the bottom PWM outputs are in the pre-charge cycle.
1 All PWM outputs are active.
3
RESISTIVE
BRAKE
RESISTIVE BREAK Bit — This read-only bit indicates the state of the RBRAKE output pin
0 The RBRAKE output pin is inactive and no braking is in progress.
1 The RBRAKE output pin is active. Braking is in progress.
2
EXTERNAL
FAULT TRIP
EXTERNAL FAULT TRIP Bit — This read-only bit indicates a FAULT has occurred resulting from
a logic 1 applied to the FAULTIN pin.
0 A logic 0 is applied to the FAULTIN pin and no FAULT timeout is in progress.
1 A logic 1 was applied to the FAULTIN pin and a FAULT timeout is still in progress.
1
OVER
VOLTAGE
TRIP
OVER-VOLTAGE TRIP Bit — This read-only bit indicates if the voltage at the DC_BUS pin
exceeds the preset value of VBus over voltage located at address $0068 and $0069.
0 The voltage applied to the DC_BUS pin is less than the preset value of VBus over voltage and
a FAULT timeout is not in progress.
1 The voltage applied to the DC_BUS pin has exceeded the preset value of VBus over voltage
and a FAULT timeout is still in progress.
0
UNDER
VOLTAGE
TRIP
UNDER-VOLTAGE Bit — This read-only bit indicates if the voltage at the DC_BUS pin is less
than the present value of VBus brownout located at address $0066 and $0067.
0 The voltage applied to the DC-BUS pin is greater than the preset value of VBus under voltage
and a FAULT timeout is not in progress.
1 The voltage applied to the DC_BUS pin is less than the present value of VBus under voltage
and a FAULT timeout is still in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com