| Electronic Components Datasheet Search |
|
GETINFOBRIEF Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
GETINFOBRIEF Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc |
|
27 / 36 page ![]() Operation MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2 Freescale Semiconductor 27 Address: $FE01 76 5 4 32 1 0 R POWER UP RESET PIN MC3PHAC FUNCTIONAL FAULT MC3PHAC FUNCTIONAL FAULT PC MASTER SOFTWARE RESET COMMAND LOW VDD VOLTAGE W Reset 1 0 0 0 0000 = Unimplemented or Reserved Figure 17. Reset Status Register Table 10. Reset Status Register Field Descriptions Field Description 7 POWER UP POWER UP Bit — This read-only bit indicates the last system reset was caused by the power-up reset detection circuit. 0 Power-up reset was not the source of the reset or a read of the reset status register after the first read. 1 The last reset was caused by an initial power-up of the MC3PHAC. 6 RESET PIN RESET PIN Bit — This read-only bit indicates the last system reset was caused from the RESET input pin. 0 The RESET pin was not the source of the reset or a read of the reset status register after the first read. 1 Last reset was caused by an external reset applied to the RESET input pin. 5–4 MC3PHAC FUNCTIONAL FAULT BITS MC3PHAC FUNCTIONAL FAULT Bits — This read-only bit indicates if the last system reset was the result of an internal system error. 0 The FUNCTIONAL FAULT was not the source of the reset or a read of the reset status register after the first read. 1 MC3PHAC internal system error PC MASTER SOFTWARE RESET COMMAND PC MASTER SOFTWARE RESET COMMAND Bit — This read-only bit indicates the last system reset was the result of a PC master software reset command. 0 The PC master software RESET COMMAND was not the source of the reset or a read of the reset status register after the first read. 1 The MC3PHAC was reset by the PC master software command reset as the result of a write of $30 to location $1000 1 LOW VDD VOLTAGE LOW VDD VOLTAGE Bit — This read-only bit indicates if the last reset was the result of low VDD applied to the MC3PHAC. 0The LOW VDD was not the source of the reset or a read of the reset status register after the first read. 1 The last reset was caused by the low power supply detection circuit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |