Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GETINFOBRIEF Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button GETINFOBRIEF Datasheet HTML 2Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 3Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 4Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 5Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 6Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 7Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 8Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 9Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
6
Freescale Semiconductor
Pin Descriptions
Pin Descriptions
Table 2 is a pin-by-pin functional description of the MC3PHAC. The pin numbers in the table refer to the
28-pin packages (see Figure 2).
Table 2. MC3PHAC Pin Descriptions (Sheet 1 of 2)
Pin
Number
Pin Name
Pin Function
1VREF
Reference voltage input for the on-chip ADC. For best signal-to-noise
performance, this pin should be tied to VDDA (analog).
2
RESET
A logic 0 on this pin forces the MC3PHAC to its initial startup state. All
PWM outputs are placed in a high-impedance mode. Reset is a
bidirectional pin, allowing a reset of the entire system. It is driven low
when an internal reset source is asserted (for example, loss of clock or
low VDD).
3VDDA
Provides power for the analog portions of the MC3PHAC, which include
the internal clock generation circuit (PLL) and the ADC
4VSSA
Returns power for the analog portions of the MC3PHAC, which include
the internal clock generation circuit (PLL) and the ADC
5OSC2
Oscillator output used as part of a crystal or ceramic resonator clock
circuit.(1)
6OSC1
Oscillator input used as part of a crystal or ceramic resonator clock
circuit. Can also accept a signal from an external canned oscillator.(1)
7PLLCAP
A capacitor from this pin to ground affects the stability and reaction time
of the PLL clock circuit. Smaller values result in faster tracking of the
reference frequency. Larger values result in better stability. A value of
0.1
µF is typical.
8
PWMPOL_BASEFREQ
Input which is sampled at specific moments during initialization to
determine the PWM polarity and the base frequency (50 or 60 Hz)
9
PWM_U_TOP
PWM output signal for the top transistor driving motor phase U
10
PWM_U_BOT
PWM output signal for the bottom transistor driving motor phase U
11
PWM_V_TOP
PWM output signal for the top transistor driving motor phase V
12
PWM_V_BOT
PWM output signal for the bottom transistor driving motor phase V
13
PWM_W_TOP
PWM output signal for the top transistor driving motor phase W
14
PWM_W_BOT
PWM output signal for the bottom transistor driving motor phase W
15
FAULTIN
A logic high on this input will immediately disable the PWM outputs. A
retry timeout interval will be initiated once this pin returns to a logic low
state.
16
PWMFREQ_RxD
In standalone mode, this pin is an output that drives low to indicate the
parameter mux input pin is reading an analog voltage to specify the
desired PWM frequency. In PC master software mode, this pin is an
input which receives UART serial data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com