Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GETINFOBRIEF Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button GETINFOBRIEF Datasheet HTML 3Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 4Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 5Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 6Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 7Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 8Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 9Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 10Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Pin Descriptions
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
Freescale Semiconductor
7
17
RETRY_TxD
In standalone mode, this pin is an output that drives low to indicate the
parameter mux input pin is reading an analog voltage to specify the time
to wait after a fault before re-enabling the PWM outputs. In PC master
software mode, this pin is an output that transmits UART serial data.
18
RBRAKE
Output which is driven to a logic high whenever the voltage on the dc bus
input pin exceeds a preset level, indicating a high bus voltage. This
signal is intended to connect a resistor across the dc bus capacitor to
prevent excess capacitor voltage.
19
DT_FAULTOUT
In standalone mode, this pin is an output which drives low to indicate the
parameter mux input pin is reading an analog voltage to specify the
dead-time between the on states of the top and bottom PWM signals for
a given motor phase. In PC master software mode, this pin is an output
which goes low whenever a fault condition occurs.
20
VBOOST_MODE
At startup, this input is sampled to determine whether to enter standalone
mode (logic high) or PC master software mode (logic low). In
standalone mode, this pin is also used as an output that drives low to
indicate the parameter mux input pin is reading an analog voltage to
specify the amount of voltage boost to apply to the motor.
21
VDD
+5-volt digital power supply to the MC3PHAC
22
VSS
Digital power supply ground return for the MC3PHAC
23
FWD
Input which is sampled to determine whether the motor should rotate in
the forward or reverse direction
24
START
Input which is sampled to determine whether the motor should be
running.
25
MUX_IN
In standalone mode, during initialization this pin is an output that is used
to determine PWM polarity and base frequency. Otherwise, it is an
analog input used to read several voltage levels that specify MC3PHAC
operating parameters.
26
SPEED
In standalone mode, during initialization this pin is an output that is used
to determine PWM polarity and base frequency. Otherwise, it is an
analog input used to read a voltage level corresponding to the desired
steady-state speed of the motor.
27
ACCEL
In standalone mode, during initialization this pin is an output that is used
to determine PWM polarity and base frequency. Otherwise, it is an
analog input used to read a voltage level corresponding to the desired
acceleration of the motor.
28
DC_BUS
In standalone mode, during initialization this pin is an output that is used
to determine PWM polarity and base frequency. Otherwise, it is an
analog input used to read a voltage level proportional to the dc bus
voltage.
1. Correct timing of the MC3PHAC is based on a 4.00 MHz crystal or ceramic resonator. Follow the crystal/resonator
manufacturer’s recommendations, as the crystal/resonator parameters determine the external component values required
for maximum stability and reliable starting. The load capacitance values used in the oscillator circuit design should include
all stray capacitances.
Table 2. MC3PHAC Pin Descriptions (Sheet 2 of 2)
Pin
Number
Pin Name
Pin Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com