Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GETINFOBRIEF Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button GETINFOBRIEF Datasheet HTML 13Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 14Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 15Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 16Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 17Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 18Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 19Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 20Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Operation
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
Freescale Semiconductor
17
Figure 8. Standalone MC3PHAC Configuration
Notes:
1. See Figure 11.
2. See Figure 9.
3. See Figure 10.
4. See Table 4.
5. If no external fault circuit is provided, connect to VSS.
6. Connect only one jumper.
7. Use bypass capacitors placed close to the MC3PHAC.
8. Consult crystal/resonator manufacturer for component values.
JP1
JP2
JP3
JP4
22 pF
22 pF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
FROM DIVIDED DC BUS
+5 V
6.8 k
Ω
NOTE 6
50 Hz – PWM POLARITY
50 Hz + PWM POLARITY
60 Hz – PWM POLARITY
60 Hz + PWM POLARITY
+5 V
10 k
Ω
RESET
0.1
µF
NOTE 7
+5 A
MC3PHAC
+5 A
5 k
Ω
A
4.7 k
Ω
A
+5 A
5 k
Ω
A
+5 V
10 k
Ω
10 k
Ω
+ 5
+ 5
NOTE 7
NOTE 1
NOTE 2
NOTE 3
NOTE 4
FROM SYSTEM FAULT
DETECTION CIRCUIT
TO RESISTIVE BRAKE DRIVER
VREF
RESET
VDDA
VSSA
OSC2
OSC1
PLLCAP
PWMPOL_BASEFREQ
PWM_U_TOP
PWM_U_BOT
PWM_V_TOP
PWM_V_BOT
PWM_W_TOP
PWM_W_BOT
DC_BUS
ACCEL
SPEED
MUX_IN
START
FWD
VSS
VDD
VBOOST_MODE
DT_FAULTOUT
RBRAKE
RETRY/TxD
PWMFREQ/RxD
FAULTIN
NOTE 5
4.7 k
Ω
0.1
µF
RPWMFREQ
RRETRY
RDEADTIME
RBOOST
NOTE 8
10 M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com