Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GETINFOBRIEF Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  GETINFOBRIEF Datasheet HTML 1Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 2Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 3Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 4Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 5Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 6Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 7Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 8Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Electrical Characteristics
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
Freescale Semiconductor
5
DC Electrical Characteristics
Characteristic(1)
1. VDD = 5.0 Vdc ± 10%
Symbol
Min
Max
Unit
Output high voltage (ILoad = –2.0 mA)
All I/O pins except RBRAKE
VOH
VDD –0.8
—
V
Output high voltage RBRAKE (IRBRAKE = –15.0 mA)
VOHRB
VDD –1.0
—
V
Output low voltage (ILoad = 1.6 mA)
All I/O pins except FAULTOUT and RETRY/TxD
VOL
—
0.4
V
Output low voltage (ILoad = 15 mA)
FAULTOUT and RETRY/TxD
VOL1
—
1.0
V
Input high voltage
All ports
VHi
0.7 x VDD
VDD
V
Input low voltage
All ports
VIL
VSS
0.3 x VDD
V
VDD supply current
IDD
—
60
mA
I/O ports high-impedance leakage current
IIL
—
± 5
µA
Input current
IIn
—
± 1
µA
Capacitance
Ports (as input or output)
COut
CIn
—
—
12
8
pF
VDD low-voltage inhibit reset
VLVR1
3.80
4.3
V
VDD low-voltage reset/recovery hysteresis
VLVH1
50
150
mV
VDD power-on reset re-arm voltage
VPOR
3.85
4.45
V
VDD power-on reset rise time ramp rate
RPOR
0.035
—
V/ms
Serial communications interface baud rate
SCIBD
9504
9696
Bits/sec
Voltage Boost(2)
2. Limited in standalone mode to 0 to 35%
VBoost
0
100
%
Dead time range(3)
3. Limited in standalone mode to 0.5 to 6.0
µs
DTRange
0
31.875
µs
Retry time(4)
4. Limited in standalone mode to 0 to ~53 seconds
RTTime
0
4.55
Hours
Acceleration rate
ACRate
0.5
128
Hz/sec
Speed control
SPEED
1
128
Hz
PWM Frequency
PWMFREQ
5.291
21.164
kHz
High side power transistor drive pump-up time
TPump
99
101
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com