Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GETINFOBRIEF Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button GETINFOBRIEF Datasheet HTML 10Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 11Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 12Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 13Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 14Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 15Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 16Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 17Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
14
Freescale Semiconductor
Features
•
Regeneration Control — Regeneration is a process by which stored mechanical energy in the
motor and load is transferred back into the drive electronics, usually as a result of an aggressive
deceleration operation. In special cases where this process occurs frequently (for example,
elevator motor control systems), it is economical to incorporate special features in the motor drive
to allow this energy to be supplied back to the ac mains. However, for most low cost ac drives, this
energy is stored in the dc bus capacitor by increasing its voltage. If this process is left unchecked,
the dc bus voltage can rise to dangerous levels, which can destroy the bus capacitor or the
transistors in the power inverter.
The MC3PHAC incorporates two techniques to deal with regeneration before it becomes a
problem:
–
Resistive Braking — The DC_BUS pin is monitored at a 5.3 kHz frequency (4.0 kHz when the
PWM frequency is set to 15.9 kHz), and when the voltage reaches a certain threshold, the
RBRAKE pin is driven high. This signal can be used to control a resistive brake placed across
the dc bus capacitor, such that mechanical energy from the motor will be dissipated as heat in
the resistor versus being stored as voltage on the capacitor. In standalone mode, the DC_BUS
threshold required to assert the RBRAKE signal is fixed at 3.85 volts (110 percent of nominal)
where nominal is defined to be 3.5 volts. In PC master software mode, this threshold can be
set to any value between 0 volts (0 percent of nominal) and greater than 5 volts (143 percent
of nominal) and can be changed at any time.
–
Automatic Deceleration Control — When decelerating the motor, the MC3PHAC attempts to
use the specified acceleration value for deceleration as well. If the voltage on the DC_BUS pin
reaches a certain threshold, the MC3PHAC begins to moderate the deceleration as a function
of this voltage, as shown in Figure 7. The voltage range on the DC_BUS pin from when the
deceleration begins to decrease, to when it reaches 0, is 0.62 volts. In standalone mode, the
DC_BUS voltage where deceleration begins to decrease is fixed at 3.85 volts (110 percent of
nominal) where nominal is defined to be 3.5 volts. In PC master software mode, this threshold
can be set to any value between 0 volts (0 percent of nominal) and greater than 5 volts (143
percent of nominal) and can be changed at any time.
Figure 7. Deceleration as a Function of Bus Voltage
BUS VOLTAGE
ACCELERATION INPUT
BEGIN MODERATING DECEL
(LEVEL IS PROGRAMMABLE
IN PC MASTER SOFTWARE MODE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com