Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GETINFOBRIEF Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button GETINFOBRIEF Datasheet HTML 6Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 7Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 8Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 9Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 10Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 11Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 12Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 13Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
10
Freescale Semiconductor
Features
Figure 4. Dynamic Bus Ripple Cancellation
In standalone mode, the base frequency and PWM polarity are specified at the same time during
initialization by connecting either pin 25, 26, 27, or 28 exclusively to the PWMPOL_BASEFREQ input.
During initialization, pins 25, 26, 27, and 28 are cycled one at a time to determine which one has been
connected to the PWMPOL_BASEFREQ input.
Table 3 shows the selected PWM polarity and base frequency as a function of which pin connection is
made. Refer to the standalone mode schematic, Figure 8. Only one of these jumpers (JP1–JP4) can be
connected at any one time.
NOTE
It is not necessary to break this connection once the initialization phase has
been completed. The MC3PHAC will function properly while this
connection is in place.
Table 3. PWM Polarity and Base Frequency Specification in Standalone Mode
Pin Connected to
PWMPOL_BASEFREQ Pin
PWM Polarity
Base Frequency
MUX_IN (JP1)
Logic low = on
50 Hz
SPEED (JP2)
Logic high = on
50 Hz
ACCEL (JP3)
Logic low = on
60 Hz
DC_BUS (JP4)
Logic high = on
60 Hz
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
MC3PHAC
CORRECTED PWMs
MOTOR PHASE CURRENT WAVEFORMS
UNCOMPENSATED
COMPENSATED
REMOVES 60 Hz HUM
AND DECREASES I2R LOSSES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com