Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GETINFOBRIEF Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button GETINFOBRIEF Datasheet HTML 8Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 9Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 10Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 11Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 12Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 13Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 14Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 15Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
12
Freescale Semiconductor
Features
illustrated in Figure 6. To compensate for this voltage loss, the voltage profile is boosted over the normal
voltage curve in Figure 5, so that the magnetizing current remains constant over the speed range.
Figure 5. Voltage Profiling, Including Voltage Boost
Figure 6. AC Motor Single Phase Model Showing Parasitic Stator Impedances
The MC3PHAC allows the voltage boost to be specified as a percentage of full voltage at 0 Hz, as shown
in Figure 5. In standalone mode, voltage boost is specified during the initialization phase by supplying
a voltage to the MUX_IN pin while the VBOOST_MODE pin is being driven low. Refer to the graph in
Figure 11 for the resistance value versus voltage boost. Figure 11 assumes a 6.8 k
Ω pullup resistor. In
this way, voltage boost can be specified from 0 to 40 percent, with a scaling factor of 8 percent per volt.
In PC master software mode, the voltage boost can be specified from 0 to 100 percent and can be
changed at anytime.
By using the voltage boost value, and the specified base frequency, the MC3PHAC has all the information
required to generate a voltage profile automatically based on the generated waveform frequency. An
additional feature exists in PC master software mode whereby this voltage value can be overridden and
controlled in real time. Specifying a voltage lower than the normal volts-per-hertz profile permits a softer
torque response in certain ergonomic situations. It also allows for load power factor control and higher
operating efficiencies with high inertia loads or other loads where instantaneous changes in torque
demand are not permitted. Details of this feature are discussed in the PC Master Software Operation with
the MC3PHAC.
PLL Clock Generation — The OSC1 pin signal is used as a reference clock for an internal PLL clocking
circuit, which is used to drive the internal clocks of the MC3PHAC. This provides excellent protection
against noise spikes that may occur on the OSC1 pin. In a clocking circuit that does not incorporate a PLL,
a noise spike on the clock input can create a clock edge, which violates the setup times of the clocking
CO
MP
EN
SA
TIO
N F
OR
ST
AT
OR
LO
SS
ES
FREQUENCY
BASE FREQUENCY
VOLTAGE BOOST
100%
PARASITICS
R1
X2
R2
MAGNETIZING CURRENT
(TRY TO KEEP CONSTANT)
TORQUE CURRENT
XM
R2 (1 –s)
s
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com