Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GETINFOBRIEF Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  GETINFOBRIEF Datasheet HTML 1Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 2Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 3Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 4Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 5Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 6Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 7Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 8Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
4
Freescale Semiconductor
Electrical Characteristics
Electrical Characteristics
Maximum Ratings
This device contains circuitry to protect the inputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher
than maximum-rated voltages to this high-impedance circuit. For proper operation, it is recommended that
VIn and VOut be constrained to the range VSS ≤ (VIn or VOut) ≤ VDD. Reliability of operation is enhanced if
unused inputs are connected to an appropriate logic voltage level (for example, either VSS or VDD).
Functional Operating Range
Control Timing
Characteristic(1)
1. Voltages referenced to VSS
Symbol
Value
Unit
Supply voltage
VDD
–0.3 to +6.0
V
Input voltage
VIn
–0.3 to VDD +0.3
V
Input high voltage
VHi
VDD + 0.3
V
Maximum current per pin excluding VDD and VSS
I± 25
mA
Storage temperature
Tstg
–55 to +150
°C
Maximum current out of VSS
IMVSS
100
mA
Maximum current into VDD
IMVDD
100
mA
Characteristic
Symbol
Value
Unit
Operating temperature range
(see Table 1)
TA
–40
°C to +105°C
°C
Operating voltage range
VDD
5.0
± 10%
V
Characteristic
Symbol
Value
Unit
Oscillator frequency(1)
1. Follow the crystal/resonator manufacturer’s recommendations, as the crystal/resonator parameters determine the external
component values required for maximum stability and reliable starting. The load capacitance values used in the oscillator
circuit design should include all stray capacitances.
Fosc
4.00
± 1%
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com