Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GETINFOBRIEF Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button GETINFOBRIEF Datasheet HTML 4Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 5Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 6Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 7Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 8Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 9Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 10Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 11Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
8
Freescale Semiconductor
Introduction
Introduction
The MC3PHAC is a high-performance intelligent controller designed specifically to meet the requirements
for low-cost, variable-speed, 3-phase ac motor control systems. The device is adaptable and
configurable, based on its environment. Constructed with high-speed CMOS (complementary metal-
oxide semiconductor) technology, the MC3PHAC offers a high degree of performance and ruggedness
in the hostile environments often found in motor control systems.
The device consists of:
•
6-output pulse-width modulator (PWM)
•
4-channel analog-to-digital converter (ADC)
•
Phase-lock loop (PLL) based system oscillator
•
Low-power supply voltage detection circuit
•
Serial communications interface (SCI)
The serial communications interface is used in a mode, called PC master software mode, whereby control
of the MC3PHAC is from a host or master personal computer executing PC master software or a
microcontroller emulating PC master software commands. In either case, control via the internet is
feasible.
Included in the MC3PHAC are protective features consisting of dc bus monitoring and a system fault input
that will immediately disable the PWM module upon detection of a system fault.
Included motor control features include:
•
Open loop volts/Hertz speed control
•
Forward or reverse rotation
•
Start/stop motion
•
System fault input
•
Low-speed voltage boost
•
Internal power-on reset (POR)
Features
3-Phase Waveform Generation — The MC3PHAC generates six PWM signals which have been
modulated with variable voltage and variable frequency information in order to control a 3-phase ac motor.
A third harmonic signal has been superimposed on top of the fundamental motor frequency to achieve full
bus voltage utilization. This results in a 15 percent increase in maximum output amplitude compared to
pure sine wave modulation.
The waveform is updated at a 5.3 kHz rate (except when the PWM frequency is 15.9 kHz), resulting in
near continuous waveform quality. At 15.9 kHz, the waveform is updated at 4.0 kHz.
DSP Filtering — A 24-bit IIR digital filter is used on the SPEED input signal in standalone mode, resulting
in enhanced speed stability in noisy environments. The sampling period of the filter is 3 ms (except when
the PWM frequency is 15.9 kHz) and it mimics the response of a single pole analog filter having a pole at
0.4 Hz. At a PWM frequency of 15.9 kHz, the sampling period is 4 ms and the pole is located at 0.3 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com