Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GETINFOBRIEF Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # GETINFOBRIEF
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

GETINFOBRIEF Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button GETINFOBRIEF Datasheet HTML 11Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 12Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 13Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 14Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 15Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 16Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 17Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 18Page - Freescale Semiconductor, Inc GETINFOBRIEF Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Digital Power Supply Bypassing
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
Freescale Semiconductor
15
Digital Power Supply Bypassing
VDD and VSS are the digital power supply and ground pins for the MC3PHAC.
Fast signal transitions connected internally on these pins place high, short-duration current demands on
the power supply. To prevent noise problems, take special care to provide power supply bypassing at the
VDD and VSS pins. Place the bypass capacitors as close as possible to the MC3PHAC. Use a high-
frequency-response ceramic capacitor, such as a 0.1
µF, paralleled with a bulk capacitor in the range of
1
µF to 10 µF for bypassing the digital power supply.
Analog Power Supply Bypassing
VDDA and VSSA are the power supply pins for the analog portion of the clock generator and analog-to-
digital converter (ADC). On the schematics in this document, analog ground is labeled with an A and other
grounds are digital grounds. Analog power is labeled as +5 A. It is good practice to isolate the analog and
digital +5 volt power supplies by using a small inductor or a low value resistor less than 5 ohms in series
with the digital power supply, to create the +5 A supply. ADC VREF is the power supply pin used for setting
the ADC’s voltage reference.
Decoupling of these pins should be per the digital power supply bypassing, described previously. ADC
VREF (pin 1) and VDDA (pin 3) shall be connected together and connected to the same potential as VDD.
Grounding Considerations
Printed circuit board layout is an important design consideration. In particular, ground planes and how
grounds are tied together influence noise immunity. To maximize noise immunity, it is important to get a
good ground plane under the MC3PHAC. It is also important to separate analog and digital grounds. That
is why, shown on the schematics, there are two ground designations, analog ground is marked with an A
and other grounds are digital grounds. GND is the digital ground plane and power supply return. GNDA
is the analog circuit ground. They are both the same reference voltage, but are routed separately, and tie
together at only one point.
Power-Up/Power-Down
When power is applied or removed, it is important that the inverter’s top and bottom output transistors in
the same phase are not turned on simultaneously. Since logic states are not always defined during power-
up, it is important to ensure that all power transistors remain off when the controller’s supply voltage is
below its normal operating level. The MC3PHAC’s PWM module outputs make this easy by switching to
a high impedance configuration whenever the 5-volt supply is below its specified minimum.
The user should use pullup or pulldown resistors on the output of the MC3PHAC’s PWM outputs to ensure
during power-up and power-down, that the inverter’s drive inputs are at a known, turned off, state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com