Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 203 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 203 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 199Page - Altera Corporation PLL2_C0 Datasheet HTML 200Page - Altera Corporation PLL2_C0 Datasheet HTML 201Page - Altera Corporation PLL2_C0 Datasheet HTML 202Page - Altera Corporation PLL2_C0 Datasheet HTML 203Page - Altera Corporation PLL2_C0 Datasheet HTML 204Page - Altera Corporation PLL2_C0 Datasheet HTML 205Page - Altera Corporation PLL2_C0 Datasheet HTML 206Page - Altera Corporation PLL2_C0 Datasheet HTML 207Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–45
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 9–21 shows how to configure multiple devices using a MAX II device. This
circuit is similar to the FPP configuration circuit for a single device, except the
Cyclone III device family is cascaded for a multi-device configuration.
In a multi-device FPP configuration, the nCE pin of the first device is connected to
GND while its nCEO pin is connected to the nCE pin of the next device in the chain. The
nCE
input of the last device comes from the previous device while its nCEO pin is left
floating. After the first device completes configuration in a multi-device configuration
chain, its nCEO pin drives low to activate the nCE pin of the second device, which
prompts the second device to begin configuration. The second device in the chain
begins configuration in one clock cycle; therefore, the transfer of data destinations is
transparent to the MAX II device. All other configuration pins (nCONFIG, nSTATUS,
DCLK
, DATA[7..0], and CONF_DONE) are connected to every device in the chain. The
configuration signals may require buffering to ensure signal integrity and prevent
clock skew problems. Ensure that the DCLK and DATA lines are buffered. All devices
initialize and enter user mode at the same time because all device CONF_DONE pins are
tied together.
All nSTATUS and CONF_DONE pins are tied together and if any device detects an error,
configuration stops for the entire chain and the entire chain must be reconfigured. For
example, if the first device flags an error on nSTATUS, it resets the chain by pulling its
nSTATUS
pin low. This behavior is similar to a single device detecting an error.
Figure 9–21. Multi-Device FPP Configuration Using an External Host
Notes to Figure 9–21:
(1) The pull-up resistor must be connected to a supply that provides an acceptable input signal for all devices in the
chain. VCC must be high enough to meet the VIH specification of the I/O on the device and the external host.
(2) Connect the pull-up resistor to the VCCIO supply voltage of the I/O bank in which the nCE pin resides.
(3) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(4) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect MSEL[3..0],
refer to Table 9–7 on page 9–11. Connect the MSEL pins directly to VCCA or ground.
(5) All I/O inputs must maintain a maximum AC voltage of 4.1 V. DATA[7..0] and DCLK must fit the maximum overshoot
equation outlined in “Configuration and JTAG Pin I/O Requirements” on page 9–7.
External Host
(MAX II Device or
Microprocessor)
Memory
ADDR
Cyclone III Device Family 1
nSTATUS
CONF_DONE
10 k
nCE
nCEO
DATA[7..0]
GND
VCCIO (1) VCCIO (1)
10 k
MSEL[3..0]
DATA[7..0] (5)
nCONFIG
DCLK (5)
nSTATUS
CONF_DONE
nCE
nCEO
MSEL[3..0]
N.C. (3)
DATA[7..0] (5)
nCONFIG
DCLK (5)
VCCIO (2)
10 k
Cyclone III Device Family 2
(4)
(4)
Buffers (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com