Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 205 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 205 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 201Page - Altera Corporation PLL2_C0 Datasheet HTML 202Page - Altera Corporation PLL2_C0 Datasheet HTML 203Page - Altera Corporation PLL2_C0 Datasheet HTML 204Page - Altera Corporation PLL2_C0 Datasheet HTML 205Page - Altera Corporation PLL2_C0 Datasheet HTML 206Page - Altera Corporation PLL2_C0 Datasheet HTML 207Page - Altera Corporation PLL2_C0 Datasheet HTML 208Page - Altera Corporation PLL2_C0 Datasheet HTML 209Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–47
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
FPP Configuration Timing
Figure 9–23 shows the timing waveform for FPP configuration when using an
external host.
Table 9–14 lists the FPP configuration timing parameters for Cyclone III device family.
Figure 9–23. FPP Configuration Timing Waveform (1)
Notes to Figure 9–23:
(1) The beginning of this waveform shows the device in user mode. In user mode, nCONFIG, nSTATUS, and CONF_DONE
are at logic-high levels. When nCONFIG is pulled low, a reconfiguration cycle begins.
(2) After power-up, the Cyclone III device family holds nSTATUS low during POR delay.
(3) After power-up, before and during configuration, CONF_DONE is low.
(4) Do not leave DCLK floating after configuration. It must be driven high or low, whichever is more convenient.
(5) DATA[7..0] is available as user I/O pin after configuration; the state of the pin depends on the dual-purpose pin
settings.
nCONFIG
nSTATUS (2)
CONF_DONE (3)
DCLK
DATA[7..0]
User I/O
INIT_DONE
Byte 0
Byte 1
Byte 2
Byte 3
Byte n-1
tCD2UM
tCF2ST1
tCF2CD
tCFG
tCH tCL
tDH
tDSU
tCF2CK
tSTATUS
tCLK
tCF2ST0
tST2CK
User Mode
(5)
Tri-stated with internal pull-up resistor
(4)
User Mode
Byte n
Table 9–14. FPP Timing Parameters for Cyclone III Device Family
(Part 1 of 2)
Symbol
Parameter
Minimum
Maximum
Unit
tCF2CD
nCONFIG
low to CONF_DONE low
—
500
ns
tCF2ST0
nCONFIG
low to nSTATUS low
—
500
ns
tCFG
nCONFIG
low pulse width
500
—
ns
tSTATUS
nSTATUS
low pulse width
45
230 (1)
s
tCF2ST1
nCONFIG
high to nSTATUS high
—
230 (1)
s
tCF2CK
nCONFIG
high to first rising edge on DCLK
230 (1)
—
s
tST2CK
nSTATUS
high to first rising edge of DCLK
2—
s
tDSU
DATA
setup time before rising edge on DCLK
5—
ns
tDH
DATA
hold time after rising edge on DCLK
0—
ns
tCH
DCLK
high time
3.2
—
ns
tCL
DCLK
low time
3.2
—
ns
tCLK
DCLK
period
7.5
—
ns
fMAX
DCLK
frequency
—
100 (3)
MHz
tCD2UM
CONF_DONE
high to user mode (2)
300
650
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com