Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 208 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 208 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 204Page - Altera Corporation PLL2_C0 Datasheet HTML 205Page - Altera Corporation PLL2_C0 Datasheet HTML 206Page - Altera Corporation PLL2_C0 Datasheet HTML 207Page - Altera Corporation PLL2_C0 Datasheet HTML 208Page - Altera Corporation PLL2_C0 Datasheet HTML 209Page - Altera Corporation PLL2_C0 Datasheet HTML 210Page - Altera Corporation PLL2_C0 Datasheet HTML 211Page - Altera Corporation PLL2_C0 Datasheet HTML 212Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 274 page
background image
9–50
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
For device VCCIO of 1.2, 1.5, and 1.8 V, refer to Figure 9–25. You can power up the VCC
of the download cabled with the supply from VCCIO.
Figure 9–24. JTAG Configuration of a Single Device Using a Download Cable (2.5, 3.0, and 3.3-V
VCCIO Powering the JTAG Pins)
Notes to Figure 9–24:
(1) The resistor value can vary from 1 k
 to 10 k. Perform signal integrity analysis to select the resistor value for your
setup.
(2) Connect these pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(3) The nCE pin must be connected to GND or driven low for successful JTAG configuration.
(4) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(5) Connect the nCONFIG and MSEL[3..0] pins to support a non-JTAG configuration scheme. If you only use a JTAG
configuration, connect the nCONFIG pin to logic high and the MSEL[3..0] pins to ground. In addition, pull DCLK and
DATA[0]
either high or low, whichever is convenient on your board.
(6) Power up the VCC of the ByteBlaster II, USB-Blaster, ByteBlasterMV, or Ethernet Blaster cable with a 2.5- V supply
from VCCA. Third-party programmers must switch to 2.5 V. Pin 4 of the header is a VCC power supply for the
MasterBlaster cable. The MasterBlaster cable can receive power from either 5.0- or 3.3-V circuit boards, DC power
supply, or 5.0 V from the USB cable. For this value, refer to the MasterBlaster Serial/USB Communications Cable User
Guide.
(7) Pin 6 of the header is a VIO reference voltage for the MasterBlaster output driver. VIO must match the device's VCCA.
For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide. In USB-Blaster,
ByteBlaster II, ByteBlasterMV, and Ethernet Blaster, this pin is a no connect.
nCE (3)
MSEL[3..0]
nCONFIG
CONF_DONE
VCCA
VCCA (6)
GND
VCCIO (2)
GND
VCCIO (2)
(5)
VCCA
10 k
Ω
10 k
Ω
(1)
(1)
nSTATUS
Pin 1
Download Cable 10-Pin Male
Header (Top View)
GND
TCK
TDO
TMS
TDI
1 k
Ω
GND
VIO (7)
Cyclone III Device Family
nCEO
N.C. (4)
DCLK
DATA[0]
(5)
(5)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com