Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 211 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 211 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 207Page - Altera Corporation PLL2_C0 Datasheet HTML 208Page - Altera Corporation PLL2_C0 Datasheet HTML 209Page - Altera Corporation PLL2_C0 Datasheet HTML 210Page - Altera Corporation PLL2_C0 Datasheet HTML 211Page - Altera Corporation PLL2_C0 Datasheet HTML 212Page - Altera Corporation PLL2_C0 Datasheet HTML 213Page - Altera Corporation PLL2_C0 Datasheet HTML 214Page - Altera Corporation PLL2_C0 Datasheet HTML 215Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–53
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
When programming a JTAG device chain, one JTAG-compatible header is connected
to several devices. The number of devices in the JTAG chain is limited only by the
drive capability of the download cable. When four or more devices are connected in a
JTAG chain, Altera recommends buffering the TCK, TDI, and TMS pins with an on-board
buffer.
JTAG-chain device programming is ideal when the system contains multiple devices,
or when testing your system using JTAG BST circuitry. Figure 9–26 and Figure 9–27
show a multi-device JTAG configuration.
For the device VCCIO of 2.5, 3.0, and 3.3 V, refer to Figure 9–26. All I/O inputs must
maintain a maximum AC voltage of 4.1 V. Because JTAG pins do not have the internal
PCI clamping diodes to prevent voltage overshoot when using VCCIO of 2.5, 3.0, and
3.3 V, you must power up the VCC of the download cable with a 2.5-V supply from
VCCA.
For device VCCIO of 1.2, 1.5, and 1.8 V, refer to Figure 9–27. You can power up the VCC
of the download cable with the supply from VCCIO.
Figure 9–26. JTAG Configuration of Multiple Devices Using a Download Cable (2.5, 3.0, and 3.3-V VCCIO Powering the
JTAG Pins)
Notes to Figure 9–26:
(1) Connect these pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) Connect the nCONFIG and MSEL[3..0] pins to support a non-JTAG configuration scheme. If you only use a JTAG configuration, connect the
nCONFIG
pin to logic high and the MSEL[3..0] pins to ground. In addition, pull DCLK and DATA[0] either high or low, whichever is convenient
on your board.
(3) Pin 6 of the header is a VIO reference voltage for the MasterBlaster output driver. VIO must match the VCCA of the device. For this value, refer to the
MasterBlaster Serial/USB Communications Cable User Guide. In the ByteBlasterMV cable, this pin is a no connect. In the USB-Blaster and
ByteBlaster II cables, this pin is connected to nCE when it is used for AS programming, otherwise it is a no connect.
(4) The nCE pin must be connected to ground or driven low for successful JTAG configuration.
(5) Power up the VCC of the ByteBlaster II, USB-Blaster, or ByteBlasterMV cable with a 2.5- V supply from VCCA. Third-party programmers must switch
to 2.5 V. Pin 4 of the header is a VCC power supply for the MasterBlaster cable. The MasterBlaster cable can receive power from either 5.0- or 3.3-V
circuit boards, DC power supply, or 5.0 V from the USB cable. For this value, refer to the MasterBlaster Serial/USB Communications User Guide.
(6) The resistor value can vary from 1 k
 to 10 k. Perform signal integrity analysis to select the resistor value for your setup.
TMS
TCK
Download Cable
10-Pin Male Header
TDI
TDO
VCCA
VCCA
VCCA (5)
Pin 1
nST
ATUS
nCONFIG
nCE (4)
VCCIO
CONF_DONE
VCCIO
(2)
(2)
VIO
(3)
(1)
(1)
(2)
DATA[0]
DCLK
(2)
MSEL[3..0]
nCEO
(2)
TMS
TCK
TDI
TDO
nST
ATUS
nCONFIG
nCE (4)
VCCIO
CONF_DONE
VCCIO
(2)
(2)
(1)
(2)
DATA[0]
DCLK
(2)
MSEL[3..0]
nCEO
(2)
(1)
TMS
TCK
TDI
TDO
nST
ATUS
nCONFIG
nCE (4)
VCCIO
CONF_DONE
VCCIO
(2)
(2)
(2)
DATA[0]
DCLK
(2)
MSEL[3..0]
nCEO
(2)
(1)
(1)
10 k
Ω
10 k
Ω
10 k
Ω
(6)
(6)
1 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
Cyclone III Device
Family
Cyclone III Device
Family
Cyclone III Device
Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com